Electronic Components Datasheet Search
  English  ▼

X  

MP3302 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3302
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3302 Datasheet HTML 4Page - Monolithic Power Systems MP3302 Datasheet HTML 5Page - Monolithic Power Systems MP3302 Datasheet HTML 6Page - Monolithic Power Systems MP3302 Datasheet HTML 7Page - Monolithic Power Systems MP3302 Datasheet HTML 8Page - Monolithic Power Systems MP3302 Datasheet HTML 9Page - Monolithic Power Systems MP3302 Datasheet HTML 10Page - Monolithic Power Systems MP3302 Datasheet HTML 11Page - Monolithic Power Systems MP3302 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
10
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
MP3302
SW
IN
FB
GND
EN
C3
R1
R2
D1
B0540
L1
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
GND
EN
VIN
3V-6V
C1
16V
C2
16V
1
28
6
4
1%
Figure 7 — Driving 10 WLEDs in Series with 3V—6V Input Voltage
MP3302
SW
IN
FB
GND
EN
WLED+
WLED-
C4
50V
R1
D2
ZENER
DIODE
D1
B0530F
L1
A
GND
EN
VIN
C1
16V
C2
16V
C3
25V
1
28
6
4
Figure 8 — Driving 27 WLEDs (3 WLEDs in Series and 9 Strings) with 3 V Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com