Electronic Components Datasheet Search
  English  ▼

X  

MP3304 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3304
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3304 Datasheet HTML 1Page - Monolithic Power Systems MP3304 Datasheet HTML 2Page - Monolithic Power Systems MP3304 Datasheet HTML 3Page - Monolithic Power Systems MP3304 Datasheet HTML 4Page - Monolithic Power Systems MP3304 Datasheet HTML 5Page - Monolithic Power Systems MP3304 Datasheet HTML 6Page - Monolithic Power Systems MP3304 Datasheet HTML 7Page - Monolithic Power Systems MP3304 Datasheet HTML 8Page - Monolithic Power Systems MP3304 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
4
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW. SW can swing between GND and 36V
(MP3304A), 24V (MP3304B) or 18V (MP3304C).
2
PGND
Power Ground.
3
IN
Input Supply Pin. Must be locally bypassed.
4
N/C
No Connect.
5
EN
ON/OFF Control and Dimming Command Input. Holding EN pin low for more than
5ms will turn the part off. To use PWM dimming, add a 250Hz to 50KHz square
wave signal to this pin.
6
LED
LED Current Input. This pin is the open-drain output of an internal dimming control
switch. Connect the LED cathode to this pin.
7
ISET
LED Current Set. This pin is the source output of an internal dimming control switch.
The MP3304 regulates the voltage across the current setting resistor. Tie a current
setting resistor from this pin to ground. The regulation voltage is 200mV.
8
GND,
Exposed Pad
Ground. Connect Exposed Pad to GND plane for optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com