Electronic Components Datasheet Search
  English  ▼

X  

MP3304 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3304
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3304 Datasheet HTML 1Page - Monolithic Power Systems MP3304 Datasheet HTML 2Page - Monolithic Power Systems MP3304 Datasheet HTML 3Page - Monolithic Power Systems MP3304 Datasheet HTML 4Page - Monolithic Power Systems MP3304 Datasheet HTML 5Page - Monolithic Power Systems MP3304 Datasheet HTML 6Page - Monolithic Power Systems MP3304 Datasheet HTML 7Page - Monolithic Power Systems MP3304 Datasheet HTML 8Page - Monolithic Power Systems MP3304 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
5
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, ILED = 200mA, 3WLEDs 10Strings, unless otherwise noted.
Open Load Protection
PWM Dimming
fPWM=50kHz, DPWM=50%
Steady State Operation
Enable Startup
Enable Shutdown
IINDUCTOR
500mA/div
FB
50mV/div
VOUT (AC)
200mV/div
SW
5V/div
ILED
100mA/div
EN
2V/div
VOUT
2V/div
SW
10V/div
ILED
100mA/div
VOUT
5V/div
SW
10V/div
ILED
100mA/div
EN
2V/div
VOUT
2V/div
SW
10V/div
ILED
100mA/div
PWM
2V/div
VOUT
10V/div
SW
10V/div
400ns/div
VIN vs. Efficiency
50
60
70
80
90
100
3 3.5
4 4.5
5 5.5
6 6.5
VIN (V)
PWM Dimming Duty vs.
WLED Current
0
20
40
60
80
100
120
140
160
180
200
020
40
60
80
100
PWM DIMMING DUTY (%)
50kHz
20kHz
250Hz
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com