Electronic Components Datasheet Search
  English  ▼

X  

MP3306 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3306
Description  30V, 700kHz Synchronous Step-Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3306 Datasheet HTML 1Page - Monolithic Power Systems MP3306 Datasheet HTML 2Page - Monolithic Power Systems MP3306 Datasheet HTML 3Page - Monolithic Power Systems MP3306 Datasheet HTML 4Page - Monolithic Power Systems MP3306 Datasheet HTML 5Page - Monolithic Power Systems MP3306 Datasheet HTML 6Page - Monolithic Power Systems MP3306 Datasheet HTML 7Page - Monolithic Power Systems MP3306 Datasheet HTML 8Page - Monolithic Power Systems MP3306 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP3306-
--
-30V 700kHz SYNCHRONOUS STEP-UP WHITE LED DRIVER
MP3306 Rev.1.0
www.MonolithicPower.com
3
3/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°°°°C, all voltages with respect to GND, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
3
12
V
VCC Voltage
VVCC
VIN > 5.5V, VEN = 3V
3.7
3.9
4.1
V
Supply Current (Shutdown)
ISD
VEN = 0V
0.1
1
A
Supply Current (Quiescent)
IQS
VEN = 5V, VOUT - VFB = 0.5V
300
380
460
A
Switching Frequency
fSW
550
690
830
kHz
Maximum Duty Cycle
DMAX
VFB = VOUT
93
%
Under Voltage Lockout
IN Under Voltage Lockout
UVLO
VIN Rising
2.5
2.7
2.9
V
Under Voltage Lockout Hysteresis
130
mV
Protection
OVP Threshold
VOVP-TH
1.18
1.22
1.26
V
SW Current Limit
(5)
Duty Cycle = 60%
1.8
A
Thermal Shutdown
(5)
150
°C
Enable
EN OFF Threshold
VENLO
VEN Falling
0.6
V
EN ON Threshold
VENHI
VEN Rising
1.1
V
Dimming
PWMI Low Threshold
VPWMI-LO
VPMWI Falling
0.8
V
PWMI High Threshold
VPWMI-HI
VPMWI Rising
1.2
V
PWMI Input Frequency
FPWMI
0.1
50
kHz
Minimum PWMO Dimming
Threshold
VPWMO-MIN VFB = VOUT
25
mV
Maximum PWMO Dimming
Threshold
VPWMO-MAX VOUT-VFB = 0.2V
850
mV
Feedback
FB Voltage
VFB
VEN = 3V
196
202
208
mV
FB Input Bias Current
IFB
VEN = 3V
3
7
11
A
Disconnect Switch
On-Resistance
(5)
RND-ON
0.5
Output Switch
High-Side NMOS On-Resistance
(5)
RNH-ON
0.6
Low-Side NMOS On-Resistance
(5)
RNL-ON
0.6
Notes:
5) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com