Electronic Components Datasheet Search
  English  ▼

X  

MP3306 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3306
Description  30V, 700kHz Synchronous Step-Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3306 Datasheet HTML 4Page - Monolithic Power Systems MP3306 Datasheet HTML 5Page - Monolithic Power Systems MP3306 Datasheet HTML 6Page - Monolithic Power Systems MP3306 Datasheet HTML 7Page - Monolithic Power Systems MP3306 Datasheet HTML 8Page - Monolithic Power Systems MP3306 Datasheet HTML 9Page - Monolithic Power Systems MP3306 Datasheet HTML 10Page - Monolithic Power Systems MP3306 Datasheet HTML 11Page - Monolithic Power Systems MP3306 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP3306-
--
-30V 700kHz SYNCHRONOUS STEP-UP WHITE LED DRIVER
MP3306 Rev.1.0
www.MonolithicPower.com
9
3/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Current Limit vs. Duty
0 10 20 30 40 50 60 70 80 90100
0
0.5
1
1.5
2
Figure 3—Current Limit Curve
Analog and PWM Dimming
MP3306 provides 2 types of dimming solutions,
analog dimming and PWM dimming.
For analog, connect an external capacitor on
PWMO pin to form the low pass filter with internal
resistor R, the PWM dimming signal on PWMI pin
is filtered to DC signal to set the internal
reference to accomplish the analog dimming. The
time constant should be ten times greater than a
PWM waveform cycle:
PWM
RC
10 T
>
⋅
For PWM dimming, floating PWMO pin and apply
the PWM dimming signal on PWMI pin.
Setting Over Voltage Protection Threshold
Open Load protection will shut off the MP3306 if
the output voltage goes too high. In some cases
an LED may fail, this will result in the feedback
voltage always being zero. The part boots the
output voltage higher and higher. If the output
voltage ever exceeds the programmed OVP
threshold as the formula,
OVP
V
=1.22 (1 R2 / R3)
×
+
The MP3306 will shut down. The part will not
switch again until the power is recycled.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of MP3306’s internal low side
MOSFET, synchronous MOSFET, and output
capacitor is flowing with high frequency ripple
current, it must be minimized. So the output
capacitor should be placed to IC as close as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com