Electronic Components Datasheet Search
  English  ▼

X  

MP3308 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3308
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3308 Datasheet HTML 1Page - Monolithic Power Systems MP3308 Datasheet HTML 2Page - Monolithic Power Systems MP3308 Datasheet HTML 3Page - Monolithic Power Systems MP3308 Datasheet HTML 4Page - Monolithic Power Systems MP3308 Datasheet HTML 5Page - Monolithic Power Systems MP3308 Datasheet HTML 6Page - Monolithic Power Systems MP3308 Datasheet HTML 7Page - Monolithic Power Systems MP3308 Datasheet HTML 8Page - Monolithic Power Systems MP3308 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP3308 – STEP-UP WHITE LED DRIVER WITH DUAL PWM DIMMING INPUT CONTROL
MP3308 Rev. 1.02
www.MonolithicPower.com
3
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max Units
Operating Input Voltage
VIN
2.5
6
V
Supply Current (Shutdown)
IIN_SD
VEN = 0V
25
30
µA
Supply Current (Quiescent)
IIN_QS
VISET = 0.3V
860
µA
Switching Frequency
fSW
1.7
2.2
2.7
MHz
Maximum Duty Cycle
DMAX
VISET = 0V
90
%
Under Voltage Lockout
VIN Under Voltage Lockout
VUVLO
VIN Rising
2.1
2.3
V
Under Voltage Lockout Hysteresis
30
mV
Over-Voltage Protection Threshold
VOVP
VOUT Rising
0.9
V
Enable and Dimming
EN/PWMIX OFF Threshold
VLOGIC_LOW VEN Falling
0.4
V
EN/PWMIX ON Threshold
VLOGIC_HIGH VEN Rising
1.8
V
True PWM Dimming Duty Accuracy
∆DDPWM
D_PWMIA=D_PWMIB=70%
±3
%
Feedback
ISET Voltage
VISET
VEN > 2V
185
200
215
mV
ISET Input Bias Current
VISET = 0.2V
-600
-300
nA
Output Switch
SW On-Resistance
RON
0.4
Ω
SW Current Limit
Duty Cycle = 60%
1.33
A
Thermal Shutdown
150
°C
LED Switch ON-Resistance (M2 in
the functional block diagram)
0.8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com