Electronic Components Datasheet Search
  English  ▼

X  

MP3308 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3308
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3308 Datasheet HTML 5Page - Monolithic Power Systems MP3308 Datasheet HTML 6Page - Monolithic Power Systems MP3308 Datasheet HTML 7Page - Monolithic Power Systems MP3308 Datasheet HTML 8Page - Monolithic Power Systems MP3308 Datasheet HTML 9Page - Monolithic Power Systems MP3308 Datasheet HTML 10Page - Monolithic Power Systems MP3308 Datasheet HTML 11Page - Monolithic Power Systems MP3308 Datasheet HTML 12Page - Monolithic Power Systems MP3308 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP3308 – STEP-UP WHITE LED DRIVER WITH DUAL PWM DIMMING INPUT CONTROL
MP3308 Rev. 1.02
www.MonolithicPower.com
12
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VIN
EN
PWMB
C1 C2
L1
B0530
D1
C3
160k
R3
10k
R4
NS
C6
LED+
LED-
NC
C5
100k
R11
C4
100
R5
JP1
1
R1
NS
R2
68nF
C8
68nF
VIN Bias Circuit
C9
10nF
C7
100k
R10
100k
R9
PWMA
Bias
10k
R6
10k
R7
10k
R8
PWMOB
8
PGND
2
LED
12
FSET
7
PWMIA
4
SW
1
GND
10
ISET
13
IN
3
EN
6
GND
14
OVP
11
PWMOA
9
PWMIB
5
U1 MP3308
33nF
C10
LED+
900
R12
D2
Bias
Figure 4— Driving 27 WLEDs (9 WLEDs in Series and 3 Strings Paralleled) with 3V-3.3V Input Voltage1
(1) Use additional bias circuit for low input voltage compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com