Electronic Components Datasheet Search
  English  ▼

X  

AA113-310 Datasheet(PDF) 1 Page - Alpha Industries

Part # AA113-310
Description  GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA113-310 Datasheet(HTML) 1 Page - Alpha Industries

  AA113-310 Datasheet HTML 1Page - Alpha Industries AA113-310 Datasheet HTML 2Page - Alpha Industries AA113-310 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 4/01A
GaAs IC 6 Bit Digital Attenuator with Driver
0.5 dB LSB Positive Control DC–1 GHz
Features
I Attenuation 0.5 dB Steps to 31.5 dB With
High Accuracy
I Single Positive Control (+5 V) for Each Bit
I Low DC Power Consumption
I CMOS Integrated Silicon Driver
I Designed for Use at IF Frequencies
MLF 5 x 5 (-310)
AA113-310
0.001
(0.025 mm)
0.039 (1.00 mm) MAX.
SEATING
PLANE
12˚ MAX.
0.197 (5.00 mm) BSC
0.197
(5.00 mm)
BSC
1
32
0.187
(4.75 mm) BSC
0.187
(4.75 mm)
BSC
PIN 1
INDICATOR
0.122 (3.10 mm)
± 0.006 (0.15 mm)
0.122 (3.10 mm)
± 0.006 (0.15 mm)
32
1
0.138 (3.50 mm) REF.
0.138
(3.50 mm) REF.
0.019 (0.50 mm) BSC
Description
The AA113-310 is a 6 bit, single positive control GaAs IC
FET digital attenuator with driver. It is particularly suited
at IF frequencies where high attenuation accuracy, low
insertion loss and low intermodulation products are
required. Typical applications include base station,
wireless data, broadband and wireless local loop gain
control circuits.
Parameter1
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss2
DC–0.5 GHz
1.5
1.8
dB
DC–1.0 GHz
1.8
2.2
dB
Attenuation Range
31.5
dB
Attenuation Accuracy3
DC–0.5 GHz
± (0.2 + 2% of
Attenuation Setting in dB)
dB
DC–1.0 GHz
± (0.25 + 3% of
Attenuation Setting in dB)
dB
VSWR (I/O)4
DC–1.0 GHz
1.4:1
1.6:1
Electrical Specifications at 25°C (0, +5 V)
Preliminary
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics5
Rise, Fall (10/90% or 90/10% RF)
30
ns
On, Off (50% CTL to 90/10% RF)
50
ns
Video Feedthru
50
mV
Input Power for 1 dB Compression
VCC = +5 V
0.5–1.0 GHz
+29
dBm
0.05 GHz
+22
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +5 dBm
0.5–1.0 GHz
+48
dBm
VCC = +5 V
0.05 GHz
+36
dBm
Supply Voltage
VCC = 5 V @ 700 µA Typ.
Control Voltages
CTL05, CTL1, CTL2, CTL4, CTL8, CTL16, Low = 0 to 0.8 V @ 20 µA Typ.
CTL05, CTL2, CTL4, CTL8, CTL16, High = 3.5 to 5.0 V @ 20 µA Typ.
Operating Characteristics at 25°C (0, +5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Attenuation referenced to insertion loss.
4. Input/output.
5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Similar Part No. - AA113-310

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA113-310 SKYWORKS-AA113-310 Datasheet
135Kb / 4P
GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
AA113-310LF SKYWORKS-AA113-310LF Datasheet
135Kb / 4P
GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
More results

Similar Description - AA113-310

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA113-310 SKYWORKS-AA113-310 Datasheet
135Kb / 4P
GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com