Electronic Components Datasheet Search
  English  ▼

X  

AA113-310 Datasheet(PDF) 3 Page - Alpha Industries

Part # AA113-310
Description  GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA113-310 Datasheet(HTML) 3 Page - Alpha Industries

  AA113-310 Datasheet HTML 1Page - Alpha Industries AA113-310 Datasheet HTML 2Page - Alpha Industries AA113-310 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC–1 GHz
AA113-310
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 4/01A
J1
0.025
µF
GND
Pin 1
Pin 32
GND
GND
GND
GND
GND
GND
J2
GND
GND
GND
GND
GND
VCC
C1
0.01
µF
(Charge Pump
Capacitor)
(Power Supply
Bypass Capacitor)
(Negative Voltage
Holding Capacitor)
Pin Out
“0” = 0 to 0.5 V (VCC = 5 V).
“1” = 3.5 to 5 V (VCC = 5 V).
Attenuation
CTL05
CTL1
CTL2
CTL4
CTL8
CTL16
J1–J2
0
0
0
0
0
0
Ins. Loss
1
0
0
0
0
0
0.5 dB
0
1
0
0
0
0
1 dB
0
0
1
0
0
0
2 dB
0
0
0
1
0
0
4 dB
0
0
0
0
1
0
8 dB
0
0
0
0
0
1
16 dB
1
1
1
1
1
1
31.5 dB
Truth Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com