Electronic Components Datasheet Search
  English  ▼

X  

MP3900 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3900
Description  High Efficiency Boost Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3900 Datasheet HTML 1Page - Monolithic Power Systems MP3900 Datasheet HTML 2Page - Monolithic Power Systems MP3900 Datasheet HTML 3Page - Monolithic Power Systems MP3900 Datasheet HTML 4Page - Monolithic Power Systems MP3900 Datasheet HTML 5Page - Monolithic Power Systems MP3900 Datasheet HTML 6Page - Monolithic Power Systems MP3900 Datasheet HTML 7Page - Monolithic Power Systems MP3900 Datasheet HTML 8Page - Monolithic Power Systems MP3900 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP3900 – HIGH EFFICIENCY BOOST CONTROLLER
MP3900 Rev. 1.0
www.MonolithicPower.com
2
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP3900DK
MSOP8
3900D
MP3900DS
SOIC8
MP3900DS
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP3900DK–Z). For RoHS compliant packaging, add suffix –LF (e.g.
MP3900DK–LF–Z)
PACKAGE REFERENCE
PGND
COMP/RUN
FB
SGND
1
2
3
4
8
7
6
5
GATE
VCC
NC
ISENSE
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
VCC .............................................–0.3V to +12V
VCC Maximum Current............................. 30mA
ISENSE........................................–0.3V to +30V
FB .................................................–0.3V to +5V
COMP/RUN ...................................–0.3V to +3V
Continuous Power Dissipation (TA = +25°C)
(2)
MSOP8 .................................................... 0.67W
SOIC8 ........................................................ 1.1W
Junction Temperature...............................125
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
VCC Current .................................1mA to 25mA
Operating Temperature............. –40
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
MSOP8 .................................. 150 ..... 65...
°C/W
SOIC8..................................... 90 ...... 45...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com