Electronic Components Datasheet Search
  English  ▼

X  

MP3900 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3900
Description  High Efficiency Boost Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3900 Datasheet HTML 1Page - Monolithic Power Systems MP3900 Datasheet HTML 2Page - Monolithic Power Systems MP3900 Datasheet HTML 3Page - Monolithic Power Systems MP3900 Datasheet HTML 4Page - Monolithic Power Systems MP3900 Datasheet HTML 5Page - Monolithic Power Systems MP3900 Datasheet HTML 6Page - Monolithic Power Systems MP3900 Datasheet HTML 7Page - Monolithic Power Systems MP3900 Datasheet HTML 8Page - Monolithic Power Systems MP3900 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP3900
High Efficiency
Boost Controller
MP3900 Rev. 1.0
www.MonolithicPower.com
1
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3900 is a boost controller that drives an
external MOSFET capable of handling 10A
current. It has an operational current of typically
180µA and can accommodate off-line, Telecom
and
non-isolated
applications.
Internal
undervoltage lockout, slope compensation and
peak current limiting are all provided to
minimize the external component count. In a
boost application, with an output voltage of less
than 30V, the current sense pin can connect
directly to the drain of the external switch. This
eliminates the requirement for an additional
current sensing element and its associated
efficiency loss.
While designed for boost applications, the
MP3900 can also be used for other topologies
including Forward, Flyback and Sepic. The 10V
gate driver voltage minimizes the power loss of
the external MOSFET while allowing the use of
a wide variety of standard threshold devices.
The MP3900 is available in 8-pin MSOP and
SOIC packages.
FEATURES
• Current Mode Control
• 10V MOSFET Gate Driver
• Undervoltage Lockout
• Internal Soft-Start
• Cycle-by-Cycle Current Limiting
• Slope Current Compensation
• Lossless Current Sense (VISENSE<30V)
• 10µA Shutdown Current
• 180µA Quiescent Current
• 330KHz Constant Frequency Operation
• Applicable to Boost, SEPIC, Flyback and
Forward Topologies
• Available
in
an
8-Pin
MSOP/SOIC
Packages
APPLICATIONS
• TV CCFL Power Generation
• Telecom Isolated Power
• Brick Modules
• Off-line Controller
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP3900
VCC
SGND
PGND
GATE
ISENSE
COMP/RUN
FB
VOUT
25V/2A
VIN=12V
C3
10nF
D1
7
5
4
8
1
3
2
FDS6630A
0
0.5
1.0
1.5
2.0
2.5
3.0
Current
(A)
Efficiency
VIN =13V, VOUT =25V
VOUT=25V
91
92
93
94
95
96
97
98


Similar Part No. - MP3900

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3900DK MPS-MP3900DK Datasheet
223Kb / 4P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
371Kb / 6P
High Efficiency Flyback Converter EV Board
MP3900DK MPS-MP3900DK Datasheet
188Kb / 4P
High Efficiency Boost Controller EV Board
More results

Similar Description - MP3900

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
High Efficiency High Voltage Boost Controller
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
High Efficiency High Voltage Boost Controller
LX1741 MICROSEMI-LX1741_05 Datasheet
485Kb / 15P
High Efficiency High Voltage Boost Controller
logo
Linear Technology
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
High Efficiency Boost Controller
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
High Efficiency Boost Controller EV Board
logo
Lowpower Semiconductor ...
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com