Electronic Components Datasheet Search
  English  ▼

X  

MP4000DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4000DS
Description  Offline High Brightness White LED Driver Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4000DS Datasheet HTML 1Page - Monolithic Power Systems MP4000DS Datasheet HTML 2Page - Monolithic Power Systems MP4000DS Datasheet HTML 3Page - Monolithic Power Systems MP4000DS Datasheet HTML 4Page - Monolithic Power Systems MP4000DS Datasheet HTML 5Page - Monolithic Power Systems MP4000DS Datasheet HTML 6Page - Monolithic Power Systems MP4000DS Datasheet HTML 7Page - Monolithic Power Systems MP4000DS Datasheet HTML 8Page - Monolithic Power Systems MP4000DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP4000 – OFFLINE HIGH BRIGHTNESS WLED DRIVER CONTROLLER
MP4000 Rev. 1.3
www.MonolithicPower.com
4
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
DRIVE External MOSFET drive output.
2
CS
LED current sense input. Connect the current sense resistor that programs the LED
current .
3
BOS
Burst Oscillator Setting. For the DC input burst dimming, connect a capacitor from this pin to
GND to program the burst dimming frequency. For the external PWM input burst dimming,
connect a 300k resistor from this pin to GND and apply the logic signal to the DIM pin.
4
GND
Ground.
5
DIM
Burst Dimming Control Input. For DC input control, the voltage range of 0V to 2.4V at DIM
pin linearly sets the burst-mode duty cycle from minimum to 100%. For external PWM input
control, connect the PWM signal to DIM pin. Open DIM pin if no dimming control is applied.
6
NC
No connection. Float this pin.
7
VCC
The VCC voltage provides the power for IC logic and driving external MOSFET. Must be
locally bypassed.
8
TST
Test pin. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com