Electronic Components Datasheet Search
  English  ▼

X  

MP4000DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4000DS
Description  Offline High Brightness White LED Driver Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4000DS Datasheet HTML 2Page - Monolithic Power Systems MP4000DS Datasheet HTML 3Page - Monolithic Power Systems MP4000DS Datasheet HTML 4Page - Monolithic Power Systems MP4000DS Datasheet HTML 5Page - Monolithic Power Systems MP4000DS Datasheet HTML 6Page - Monolithic Power Systems MP4000DS Datasheet HTML 7Page - Monolithic Power Systems MP4000DS Datasheet HTML 8Page - Monolithic Power Systems MP4000DS Datasheet HTML 9Page - Monolithic Power Systems MP4000DS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP4000 – OFFLINE HIGH BRIGHTNESS WLED DRIVER CONTROLLER
MP4000 Rev. 1.3
www.MonolithicPower.com
6
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VCC =10V, VIN =90VAC to 265VAC, VOUT =10V to 40V, L=680μH, TA = +25°C, unless otherwise noted.
Vbus
20V/div.
IL
200mA/div.
SW
20V/div.
Drive
200mV/div.
CS
1V/div.
ILED
500mA/div.
Vg
5V/div.
Vg
5V/div.
SW
100V/div.
ILED
500mA/div.
LED-
100V/div.
SW
100V/div.
SW
100V/div.
IL
1A/div.
Dim
5V/div.
Gate
5V/div.
SW
50V/div.
IL
500mA/div.
BOS
1V/div.
Dim
1V/div.
Steady State Operation
PWM Dimming
Analog Dimming
LED Short Protection
LED Open Protection
Power Ramp Up
VIN =120VAC VOUT=33V
Power Ramp Down
VIN =120VAC VOUT=33V
VDCIN
100V/div.
VOUT
25V/div.
VGS
10V/div.
IL
0.5A/div.
VDCIN
100V/div.
VOUT
25V/div.
VGS
10V/div.
IL
0.5A/div.
Analog Dimming
ANALOG DIM ( V )
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
30
EMI
VIN =220VAC VOUT=27V
FREQUENCY (MHz)
EN 55022 Voltage on Mains QP
EN 55022 Voltage on Mains AV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com