Electronic Components Datasheet Search
  English  ▼

X  

MP4034 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4034
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4034 Datasheet HTML 7Page - Monolithic Power Systems MP4034 Datasheet HTML 8Page - Monolithic Power Systems MP4034 Datasheet HTML 9Page - Monolithic Power Systems MP4034 Datasheet HTML 10Page - Monolithic Power Systems MP4034 Datasheet HTML 11Page - Monolithic Power Systems MP4034 Datasheet HTML 12Page - Monolithic Power Systems MP4034 Datasheet HTML 13Page - Monolithic Power Systems MP4034 Datasheet HTML 14Page - Monolithic Power Systems MP4034 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
11
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The relationship of peak current at ON period
and OFF period is:
P
PK _ S
PK
S
N
II
N
=×
Where
P
N is the number of primary winding
turns, and
S
N is the number of secondary
winding turns.
The MP4034 detects the secondary side diode
duty cycle by sampling the auxiliary winding
voltage and generates a ZCD signal as shown
in Figure 6.
Figure 6: VFB and ZCD Waveforms
When the FB voltage is high—which means
that the current is flowing through secondary-
side
diode—the
ZCD
signal
goes
high.
Conversely, when the FB voltage is low—which
means no current flows through the secondary-
side diode—the ZCD signal goes low, meaning
the secondary-side diode duty cycle (DS) is:
S_ ON
S
S_ ON
S_ OFF
T
D
TT
=
+
Then the average output current is:
OUT
PK _ S
S
S_ ON
P
PK
SS _ ON
S _ OFF
1
II
D
2
T
N
1
I
2N
T
T
=×
×
=×
×
×
+
The MP4034 keeps
S
D at 0.4. Thus the output
current is:
PP
OUT
PK
S
PK
SS
NN
11
II
D
I
2N
5 N
=×
×
×
=×
×
This provides enough information to design the
transformer turn ratio.
Leading-Edge Blanking
Turning the power switch on induces a spike on
the sense resistor. To avoid falsely terminating
the switching pulse, the MP4034 includes a
300ns leading-edge blanking period. During this
blanking period, the current sense comparator
is disabled and the gate driver can not switch
off.
DCM Detection
The MP4034 is designed to operate in
discontinuous conduction mode (DCM). To
avoid operating in continuous conduction mode
(CCM), the MP4034 detects the falling edge of
the FB input voltage with each cycle. If the chip
does not detect a 120mV falling edge, it will
stop switching.
Over Voltage Protection
The MP4034 has two levels of over-voltage
protection based on the FB voltage.
In normal operation, MP4034 samples the FB
pin voltage 3.5μs after the primary switch turns
off, as shown in Figure 6.
Figure 7: Auxiliary Voltage Waveform
The relationship of output voltage and VFB is :
P_ AU
DOWN
FB
O
D
SUP
DOWN
N
R
V(V
V )
NR
R
=×
×
+
+
Where VD is the secondary-diode forward-drop
voltage.
When the MP4034 detects that the FB voltage
equals 4.0V, the first level OVP triggers. The
switching frequency drops to maintain the
output voltage at a constant value. If VFB
voltage exceeds 6.35V for 3.5μs, it will shut
down immediately and discharge the VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com