Electronic Components Datasheet Search
  English  ▼

X  

MP4034 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4034
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4034 Datasheet HTML 8Page - Monolithic Power Systems MP4034 Datasheet HTML 9Page - Monolithic Power Systems MP4034 Datasheet HTML 10Page - Monolithic Power Systems MP4034 Datasheet HTML 11Page - Monolithic Power Systems MP4034 Datasheet HTML 12Page - Monolithic Power Systems MP4034 Datasheet HTML 13Page - Monolithic Power Systems MP4034 Datasheet HTML 14Page - Monolithic Power Systems MP4034 Datasheet HTML 15Page - Monolithic Power Systems MP4034 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
12
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
voltage. When VCC drops to UVLO, the MP4034
will restart.
1
2
N-1
N
Figure 8: LED String
Assume the forward voltage of one LED is VF
and the total number of LEDs on the string is N.
So the output voltage can be calculated as
N×VF. To ensure that OVP won’t trigger during
normal operation; the VFB should not exceed
VFBOVP1 (typical 4.0V). However, avoid a large
output voltage when OVP occurs. So the
voltage reflected on the FB pin should be:
P_ AU
DOWN
FB
F
D
FBOVP1
SDOWN
UP
N
R
V
(N V
V ) 0.85V
NR
R
=×
×
×
+
=
+
Open-Circuit Protection (OCkP)
The
MP4034
has
open-circuit
protection
(OCkP). If the −0.15V falling edge of VFB can
not be monitored—which means the feedback
loop is open—the MP4034 immediately shuts
off the driving signals and enters hiccup mode.
The MP4034 resumes normal operation when
the fault has been removed.
Thermal Shutdown (TSD)
When the temperature of the IC exceeds 150°C,
the over-temperature protection is enacted and
the IC enters auto-recovery mode. When the
temperature falls below 120°C, the IC resumes
working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com