Electronic Components Datasheet Search
  English  ▼

X  

AA280 Datasheet(PDF) 1 Page - Alpha Industries

Part # AA280
Description  GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA280 Datasheet(HTML) 1 Page - Alpha Industries

  AA280 Datasheet HTML 1Page - Alpha Industries AA280 Datasheet HTML 2Page - Alpha Industries AA280 Datasheet HTML 3Page - Alpha Industries AA280 Datasheet HTML 4Page - Alpha Industries AA280 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 11/00A
GaAs IC 5 Bit Digital Attenuator
0.5 dB LSB DC–2 GHz
Features
I Attenuation 0.5 dB Steps to 15.5 dB
with High Accuracy
I Low DC Power Consumption
I Low Cost SOIC-16 Plastic Package
SOIC-16
AA280-25
(Previously AD280-25)*
0.158 (4.00 mm)
0.150 (3.80 mm)
0.068
(1.73 mm) MAX.
0.244 (6.20 mm)
0.228 (5.80 mm)
0.049 (1.24 mm)
0.016 (0.41 mm)
0.016 MAX.
(0.41 mm)
x 45˚
CHAMFER
0.020 (0.51 mm)
0.013 (0.33 mm)
0.050
(1.27 mm) BSC
PIN 16
PIN 1
PIN 1
INDICATOR
0.394 (10.00 mm)
0.386 (9.80 mm)
0.010 (0.25 mm)
0.004 (0.10 mm)
0.0098 (0.25 mm)
0.0075 (0.19 mm)
8˚ MAX.
Description
The AD280-25 is a 5 bit, GaAs IC FET digital attenuator
in a low cost SOIC-16 package. This attenuator has an
LSB of 0.5 dB and a total attenuation of 15.5 dB.
The AD280-25 is particularly suited where high
attenuation accuracy, low insertion loss and low
intermodulation products are required. Typical applications
include cellular radio, wireless data, wireless local loop and
other gain level control circuits.
Parameter1
Condition
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss3
DC–0.5 GHz
1.1
1.3
dB
DC–1.0 GHz
1.4
1.7
dB
DC–2.0 GHz
1.7
2.0
dB
Attenuation Range
15.5
dB
Attenuation Accuracy3
DC–1.0 GHz
± (0.2 + 3% of
Attenuation Setting in dB)
dB
DC–2.0 GHz
± (0.4 + 3% of
Attenuation Setting in dB)
dB
VSWR (I/O)4
DC–2.0 GHz
1.4:1
1.8:1
Switching Characteristics5
Rise, Fall (10/90% or 90%/10% RF)
15
nS
On, Off (50% CTL to 90%/10% RF)
25
nS
Video Feedthru
25
mV
Input Power for 1 dB Compression
0.5–2.0 GHz
+24
+29
dBm
0.05 GHz
+17
+22
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +5 dBm
0.5–2.0 GHz
+44
+50
dBm
0.05 GHz
+35
+40
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = -5 V @ 300 µA Max.
Electrical Specifications at -40°C to +85°C (0, -5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Attenuation referenced to insertion loss.
4. Input/Output
5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
*Due to conflict with another company’s product numbering system, Alpha’s attenuator products starting with the letters “AD” are being changed to “AA”.


Similar Part No. - AA280

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
AA280-25LF SKYWORKS-AA280-25LF Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
More results

Similar Description - AA280

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com