Electronic Components Datasheet Search
  English  ▼

X  

AA280 Datasheet(PDF) 5 Page - Alpha Industries

Part # AA280
Description  GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA280 Datasheet(HTML) 5 Page - Alpha Industries

  AA280 Datasheet HTML 1Page - Alpha Industries AA280 Datasheet HTML 2Page - Alpha Industries AA280 Datasheet HTML 3Page - Alpha Industries AA280 Datasheet HTML 4Page - Alpha Industries AA280 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC–2 GHz
AA280-25
5
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 11/00A
Truth Table
V8
V7
V6
V5
V4
V3
V2
V1
J1
GND GND GND GND GND GND
J2
12
3
4
5
6
7
8
16
15
14
13
12
11
10
9
8 dB
4 dB
2 dB
1 dB 0.5 dB
Characteristic
Value
RF Input Power
2.0 W > 500 MHz 0/-8 V
0.5 W > 50 MHz 0/-8 V
Control Voltage
+0.2 V, -8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
85°C/W
Absolute Maximum Ratings
Pin Out
Note: Exceeding these ratings may cause irreversible damage.
V1
V2
V3
V4
V5
V6
V7
V8
0.5 dB
1 dB
2 dB
4 dB
8 dB
Bit
Bit
Bit
Bit
Bit
-5
-5
-5
0
-5
0
-5
0
Reference I.L.
0
-5
-5
0
-5
0
-5
0
0.5 dB
-5
0
-5
0
-5
0
-5
0
1 dB
-5
-5
0
-5
-5
0
-5
0
2 dB
-5
-5
-5
0
0
-5
-5
0
4 dB
-5
-5
-5
0
-5
0
0
-5
8 dB
0
0
0
-5
0
-5
0
-5
15.5 dB
Max. Atten.
Attenuation
J1–J2
Attenuation (dB)
IP3 vs. Attenuation and Temperature
47
48
49
50
51
52
53
54
55
56
57
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
+25˚C
+85˚C
-40˚C
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V) +25°C (dBm) +85°C (dBm) -40°C (dBm)
Ins. Loss
-3
22.70
23.30
24.20
0.5 dB
-3
23.50
24.20
25.10
1.0 dB
-3
24.60
25.00
25.90
2.0 dB
-3
22.90
23.40
24.30
4.0 dB
-3
31.60
31.80
33.10
8.0 dB
-3
31.00
28.70
26.40
15.5 dB
-3
25.00
24.40
25.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com