Electronic Components Datasheet Search
  English  ▼

X  

MCP1726 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 3Page - Microchip Technology MCP1726 Datasheet HTML 4Page - Microchip Technology MCP1726 Datasheet HTML 5Page - Microchip Technology MCP1726 Datasheet HTML 6Page - Microchip Technology MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology MCP1726 Datasheet HTML 10Page - Microchip Technology MCP1726 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2007 Microchip Technology Inc.
DS21936C-page 7
MCP1726
2.0
TYPICAL PERFORMANCE CURVES
NOTE: Unless otherwise indicated, VIN = VOUT + 0.5V, IOUT = 1 mA and TA = +25°C.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage (1.2V Adjustable).
FIGURE 2-2:
Ground Current vs. Load
Current (1.2V Adjustable).
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature (1.2V Adjustable).
FIGURE 2-4:
Line Regulation vs.
Temperature (1.2V Adjustable).
FIGURE 2-5:
Load Regulation vs.
Temperature.
FIGURE 2-6:
Adjust Pin Voltage vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
100
110
120
130
140
150
160
170
180
2.32.8
3.3
3.8
4.34.8
5.35.8
Input Voltage (V)
-40ºC
+125°C
+25°C
VR = 1.2V (Adj.)
IOUT = 0 mA
120
140
160
180
200
220
240
260
280
300
0
200
400
600
800
1000
Load Current (mA)
VIN = 2.5V
VIN = 3.3V
VR = 1.2V (Adj.)
100
110
120
130
140
150
160
Temperature (°C)
VIN = 2.5V
VIN = 5.0V
VIN = 3.3V
VR = 1.2V (Adj.)
IOUT = 0 mA
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
Temperature (°C)
IOUT = 1A
IOUT = 500 mA
IOUT = 100 mA
IOUT = 1 mA
VR = 1.2V (Adj.)
VIN = 2.3V to 6.0V
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Temperature (°C)
VR = 0.8V
VR = 1.8V
VR = 3.3V
VR = 5.0V
VIN = VR + 0.6V (or 2.3V)
IOUT = 1 mA to 1A
408.50
409.00
409.50
410.00
410.50
411.00
Temperature (°C)
VIN = 6.0V
VIN = 2.3V
IOUT = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com