Electronic Components Datasheet Search
  English  ▼

X  

MCP1726 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 6Page - Microchip Technology MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology MCP1726 Datasheet HTML 10Page - Microchip Technology MCP1726 Datasheet HTML 11Page - Microchip Technology MCP1726 Datasheet HTML 12Page - Microchip Technology MCP1726 Datasheet HTML 13Page - Microchip Technology MCP1726 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP1726
DS21936C-page 10
© 2007 Microchip Technology Inc.
NOTE: Unless otherwise indicated, VIN = VOUT + 0.5V, IOUT = 1 mA and TA = +25°C.
FIGURE 2-19:
Dropout Voltage vs. Load
Current.
FIGURE 2-20:
Dropout Voltage vs.
Temperature.
FIGURE 2-21:
Short Circuit Current vs.
Input Voltage.
FIGURE 2-22:
Output Noise Voltage
Density vs. Frequency.
FIGURE 2-23:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 1.2V
Adj.).
FIGURE 2-24:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 1.2V
Adj.).
0
25
50
75
100
125
150
175
200
225
250
0
200
400
600
800
1000
Load Current (mA)
VOUT =5.0V
VOUT =2.5V
180
190
200
210
220
230
240
250
260
270
Temperature (°C)
VOUT =5.0V
VOUT =2.5V
VOUT =3.3V
IOUT = 1A
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.3 2.6 2.9 3.2 3.5 3.8 4.1 4.4 4.7 5.0 5.3 5.6 5.9
Input Voltage (V)
VOUT =1.2V (Fixed)
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
VOUT =2.5V (Adj)
IOUT = 200 mA
VOUT =0.8V (Fixed)
IOUT = 100 mA
COUT =1 µF
CIN = 10 µF
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Frequency (kHz)
COUT =10 µF
CIN = 0 µF
IOUT = 100 mA
VOUT = 1.2V
VIN = 2.5V
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
Frequency (kHz)
COUT =22 µF
CIN = 0 µF
IOUT = 100 mA
VOUT = 1.2V
VIN = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com