Electronic Components Datasheet Search
  English  ▼

X  

MCP1824 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1824
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1824 Datasheet HTML 7Page - Microchip Technology MCP1824 Datasheet HTML 8Page - Microchip Technology MCP1824 Datasheet HTML 9Page - Microchip Technology MCP1824 Datasheet HTML 10Page - Microchip Technology MCP1824 Datasheet HTML 11Page - Microchip Technology MCP1824 Datasheet HTML 12Page - Microchip Technology MCP1824 Datasheet HTML 13Page - Microchip Technology MCP1824 Datasheet HTML 14Page - Microchip Technology MCP1824 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2007 Microchip Technology Inc.
DS22070A-page 11
MCP1824/MCP1824S
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.5V, Fixed output, SHDN = 10 kΩ pullup to VIN.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage (Adjustable Version).
FIGURE 2-2:
Ground Current vs. Load
Current (Adjustable Version).
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature (Adjustable Version).
FIGURE 2-4:
Line Regulation vs.
Temperature (Adjustable Version).
FIGURE 2-5:
Load Regulation vs.
Temperature (Adjustable Version).
FIGURE 2-6:
Adjust Pin Voltage vs.
Temperature (Adjustable Version).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
90
100
110
120
130
140
2345
6
Input Voltage (V)
μ
130°C
-45°C
25°C
90°C
VOUT = 1.2V Adj
I
OUT = 0 mA
0°C
100
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
Load Current (mA)
μ
V
IN=3.3V
V
OUT = 1.2V Adj
VIN=5.0V
VIN=2.5V
90
100
110
120
130
140
150
160
170
-45
-20
5
30
55
80
105
130
Temperature (°C)
μ
V
IN=6.0V
V
IN=3.0V
V
IN=4.0V
VOUT = 0.8V Adj
I
OUT = 0 mA
V
IN=5.0V
V
IN=2.1V
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 1.2V adj
V
IN = 2.1V to 6.0V
I
OUT = 1 mA
I
OUT=300 mA
I
OUT = 50 mA
I
OUT=100 mA
I
OUT=200 mA
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
-45
-20
5
30
55
80
105
130
Temperature (°C)
IOUT = 1.0 mA to 300 mA
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 0.8V
V
OUT = 1.8V
0.407
0.408
0.409
0.410
0.411
0.412
0.413
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 1.2V
I
OUT = 1.0 mA
V
IN = 2.1V
V
IN = 6.0V
V
IN = 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com