Electronic Components Datasheet Search
  English  ▼

X  

MCP1824 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1824
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1824 Datasheet HTML 10Page - Microchip Technology MCP1824 Datasheet HTML 11Page - Microchip Technology MCP1824 Datasheet HTML 12Page - Microchip Technology MCP1824 Datasheet HTML 13Page - Microchip Technology MCP1824 Datasheet HTML 14Page - Microchip Technology MCP1824 Datasheet HTML 15Page - Microchip Technology MCP1824 Datasheet HTML 16Page - Microchip Technology MCP1824 Datasheet HTML 17Page - Microchip Technology MCP1824 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP1824/MCP1824S
DS22070A-page 14
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.5V, Fixed output, SHDN = 10 kΩ pullup to VIN.
FIGURE 2-19:
Dropout Voltage vs. Load
Current.
FIGURE 2-20:
Dropout Voltage vs.
Temperature.
FIGURE 2-21:
Short Circuit Current vs.
Input Voltage.
FIGURE 2-22:
Output Noise Voltage
Density vs. Frequency.
FIGURE 2-23:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (Adj.).
FIGURE 2-24:
Power Supply Ripple
Rejection (PSRR) vs. Frequency.
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
50
100
150
200
250
300
Load Current (mA)
V
OUT = 5.0V
VOUT = 2.5V
0.12
0.14
0.16
0.18
0.20
0.22
0.24
-45
-20
5
30
55
80
105
130
Temperature (°C)
I
OUT = 300 mA
V
OUT = 2.5V
VOUT = 5.0V
0.00
100.00
200.00
300.00
400.00
500.00
600.00
012
3456
Input Voltage (V)
VOUT = 0.8V
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
R=0.8V, VIN=2.1V
V
R=3.0V, VIN=3.8V
C
OUT=10 μF cer
C
IN=4.7 μF cer
IOUT=200 mA
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
R=1.2V Adj
VIN=2.5V
V
INAC = 200 mV p-p
C
IN=0 μF
IOUT=10 mA
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=3.0V (Fixed)
V
IN=3.5V
V
INAC=200 mV p-p
CIN=0
μF
I
OUT=10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com