Electronic Components Datasheet Search
  English  ▼

X  

MCP73833 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73833
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833 Datasheet(HTML) 5 Page - Microchip Technology

  MCP73833 Datasheet HTML 1Page - Microchip Technology MCP73833 Datasheet HTML 2Page - Microchip Technology MCP73833 Datasheet HTML 3Page - Microchip Technology MCP73833 Datasheet HTML 4Page - Microchip Technology MCP73833 Datasheet HTML 5Page - Microchip Technology MCP73833 Datasheet HTML 6Page - Microchip Technology MCP73833 Datasheet HTML 7Page - Microchip Technology MCP73833 Datasheet HTML 8Page - Microchip Technology MCP73833 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 5
MCP73833/4
TEMPERATURE SPECIFICATIONS
Automatic Power Down
Automatic Power Down Entry
Threshold
VPD
—VBAT +
50 mV
—
V
2.3V < VBAT < VREG
VDD Falling
Automatic Power Down Exit Thresh-
old
VPDEXIT
—VBAT +
150 mV
—
V
2.3V < VBAT < VREG
VDD Rising
Timer Enable Input (TE)
Input High Voltage Level
VIH
2.0
—
—
V
Input Low Voltage Level
VIL
——
0.6
V
Input Leakage Current
ILK
—0.01
1
µA
VTE = 6V
Thermal Shutdown
Die Temperature
TSD
—
150
—
°C
Die Temperature Hysteresis
TSDHYS
—10
—
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typ)+0.3V] to 6V, TA=-40°C to 85°C.
Typical values are at +25°C, VDD= [VREG(Typ)+1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typ)+0.3V] to 6V, TA=-40°C to 85°C.
Typical values are at +25°C, VDD= [VREG(Typ)+1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low to High
Current Regulation
Transition Time Out of Preconditioning
tDELAY
——
1
ms
VBAT<VPTH to VBAT>VPTH
Current Rise Time Out of Preconditioning
tRISE
——
1
ms
IOUT Rising to 90% of IREG
Preconditioning Comparator Filter Time
tPRECON
0.4
1.3
3.2
ms
Average VBAT Rise/Fall
Termination Comparator Filter Time
tTERM
0.4
1.3
3.2
ms
Average IOUT Falling
Charge Comparator Filter Time
tCHARGE
0.4
1.3
3.2
ms
Average VBAT Falling
Thermistor Comparator Filter Time
tTHERM
0.4
1.3
3.2
ms
Average THERM Rise/Fall
Elapsed Timer
Elapsed Timer Period
tELAPSED
0
0
0
Hours
Timer Disabled
3.6
4.0
4.4
Hours
5.4
6.0
6.6
Hours
7.2
8.0
8.8
Hours
Status Indicators
Status Output turn-off
tOFF
—
—
200
µs
ISINK = 1 mA to 0 mA
Status Output turn-on
tON
—
—
200
µs
ISINK = 0 mA to 1 mA
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typ)+0.3V] to 6V.
Typical values are at +25°C, VDD= [VREG(Typ)+1.0V]
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, MSOP-10
θJA
—
113
—
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection
Thermal Resistance, 3mm x 3mm DFN-10
θJA
—
41
—
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com