Electronic Components Datasheet Search
  English  ▼

X  

MCP73833 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73833
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73833 Datasheet HTML 5Page - Microchip Technology MCP73833 Datasheet HTML 6Page - Microchip Technology MCP73833 Datasheet HTML 7Page - Microchip Technology MCP73833 Datasheet HTML 8Page - Microchip Technology MCP73833 Datasheet HTML 9Page - Microchip Technology MCP73833 Datasheet HTML 10Page - Microchip Technology MCP73833 Datasheet HTML 11Page - Microchip Technology MCP73833 Datasheet HTML 12Page - Microchip Technology MCP73833 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 9
MCP73833/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (typ.) + 0.3V] to 6V is
recommended. Bypass to VSS with a minimum of 1 µF.
3.2
Charge Status Outputs (STAT1,
STAT2)
STAT1 and STAT2 are open-drain logic outputs for con-
nection to a LED for charge status indication.
Alternatively, a pull-up resistor can be applied for
interfacing to a host microcontroller.
3.3
Battery Management 0V Reference
(VSS)
Connect to negative terminal of battery and input
supply.
3.4
Current Regulation Set (PROG)
Preconditioning, fast charge, and termination currents
are scaled by placing a resistor from PROG to VSS.
The charge management controller can be disabled by
allowing the PROG input to float.
3.5
Power Good Indication (PG)
MCP73833 Only
The power good (PG) option is a pseudo open-drain
output. The PG output can sink current, but not source
current. However, there is a diode path back to the
input, and, as such, the PG output should only be
pulled up to the input. The PG output is low whenever
the input to the MCP73833 is above the UVLO
threshold and greater than the battery voltage.
3.6
Timer Enable Input (TE)
MCP73834 Only
The timer enable (TE) input option is used to enable or
disable the internal timer. A low signal on this pin
enables the internal timer and a high signal disables
the internal timer. The TE input can be used to disable
the timer when the charger is supplying current to
charge the battery and power the system load. The TE
input is compatible with 1.8V logic.
3.7
Thermistor Input (THERM)
An internal 50 µA current source provides the bias for
most common 10 k
Ω negative-temperature coefficient
thermistors (NTC). The MCP73833/4 compares the
voltage at the THERM pin to factory set thersholds of
1.20V and 0.25V, typically.
3.8
Battery Charge Control Output
(VBAT)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 1 µF to ensure loop stability
when the battery is disconnected.
Pin No.
Symbol
Function
DFN
MSOP
11
VDD
Battery Management Input Supply
22
VDD
Battery Management Input Supply
3
3
STAT1
Charge Status Output
4
4
STAT2
Charge Status Output
55
VSS
Battery Management 0V Reference
6
6
PROG
Current Regulation Set and Charge Control Enable
77
PG, TE
MCP73833: Power Good output, MCP73834: Timer Enable input
8
8
THERM
Thermistor input
99
VBAT
Battery Charge Control Output
10
10
VBAT
Battery Charge Control Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com