Electronic Components Datasheet Search
  English  ▼

X  

PIC10F322T-IMCSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC10F322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-IMCSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC10F322T-IMCSQTP Datasheet HTML 1Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 2Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 3Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 4Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 5Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 6Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 7Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 8Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 3
PIC10(L)F320/322
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions, except branches
• Operating Speed:
- DC – 16 MHz clock input
- DC – 250 ns instruction cycle
• Up to 512 Words of Flash Program Memory
• 64 Bytes Data Memory
• Eight-level Deep Hardware Stack
• Interrupt Capability
• Processor Self-Write/Read access to Program
Memory
• Pinout Compatible to other 6-Pin PIC10FXXX
Microcontrollers
Special Microcontroller Features:
• Low-Power 16 MHz Internal Oscillator:
- Software selectable frequency range from
16 MHz to 31 kHz
- Factory calibrated to
 1%, typical
• Wide Operating Range:
- 1.8V to 3.6V (PIC10LF320/322)
- 2.3V to 5.5V (PIC10F320/322)
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Ultra Low-Power Sleep Regulator
• Extended Watchdog Timer (WDT)
• Programmable Code Protection
• Power-Saving Sleep mode
• Selectable Oscillator options (EC mode or Internal
Oscillator)
• In-Circuit Serial Programming™ (ICSP™) (via
Two Pins)
• In-Circuit Debugger Support
• Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V (‘F’ variant only) Output
Levels
• Integrated Temperature Indicator
• 40-year Flash Data Retention
Low-Power Features (PIC10LF320/322):
• Standby Current:
- 20 nA @ 1.8V, typical
• Operating Current:
-25
A @ 1 MHz, 1.8V, typical
• Watchdog Timer Current:
- 500 nA @ 1.8V, typical
Peripheral Features:
• 4 I/O Pins:
- 1 input-only pin
- High current sink/source for LED drivers
- Individually selectable weak pull-ups
- Interrupt-on-Change
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two PWM modules:
- 10-bit PWM, max. frequency 16 kHz
- Combined to single 2-phase output
• A/D Converter:
- 8-bit resolution with 3 channels
• Configurable Logic Cell (CLC):
- 8 selectable input source signals
- Two inputs per module
- Software selectable logic functions including:
AND/OR/XOR/D Flop/D Latch/SR/JK
- External or internal inputs/outputs
- Operation while in Sleep
• Numerically Controlled Oscillator (NCO):
- 20-bit accumulator
- 16-bit increment
- Linear frequency control
- High-speed clock input
- Selectable Output modes
- Fixed Duty Cycle (FDC)
- Pulse Frequency (PF) mode
• Complementary Waveform Generator (CWG):
- Selectable falling and rising edge dead-band
control
- Polarity control
- 2 auto-shutdown sources
- Multiple input sources: PWM, CLC, NCO
6/8-Pin Flash-Based, 8-Bit Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com