Electronic Components Datasheet Search
  English  ▼

X  

PIC10F322T-IMCSQTP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC10F322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-IMCSQTP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC10F322T-IMCSQTP Datasheet HTML 35Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 36Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 37Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 38Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 39Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 40Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 41Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 42Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 39
PIC10(L)F320/322
5.10
Power Control (PCON) Register
The Power Control (PCON) register contains flag bits
to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
The PCON register bits are shown in Register 5-2.
TABLE 5-5:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS
TABLE 5-6:
SUMMARY OF CONFIGURATION WORD WITH RESETS
REGISTER 5-2:
PCON: POWER CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W/HC-q/u R/W/HC-q/u
—
—
—
—
—
—
POR
BOR
bit 7
bit 0
Legend:
HC = Bit is cleared by hardware
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7-2
Unimplemented:
Read as ‘0’
bit 1
POR:
Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR:
Brown-out Reset Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Power-on Reset or Brown-out Reset
occurs)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BORCON SBOREN
BORFS
—
—
—
—
—
BORRDY
35
PCON
—
—
—
—
—
—POR
BOR
39
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
15
WDTCON
—
—
WDTPS<4:0>
SWDTEN
55
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by Resets.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG
13:8
—
—
—
WRT<1:0>
BORV
LPBOR
LVP
22
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
BOREN<1:0>
FOSC
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com