Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC868
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC868 Datasheet(HTML) 5 Page - NXP Semiconductors

  BC868 Datasheet HTML 1Page - NXP Semiconductors BC868 Datasheet HTML 2Page - NXP Semiconductors BC868 Datasheet HTML 3Page - NXP Semiconductors BC868 Datasheet HTML 4Page - NXP Semiconductors BC868 Datasheet HTML 5Page - NXP Semiconductors BC868 Datasheet HTML 6Page - NXP Semiconductors BC868 Datasheet HTML 7Page - NXP Semiconductors BC868 Datasheet HTML 8Page - NXP Semiconductors BC868 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2003 Nov 25
5
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
handbook, full pagewidth
MSA443
1.20
(4x)
3.90
5.90
4.80
7.40
4
23
1
3.85
1.20 (3x)
1.30 (3x)
;;
;;
;;
;;
;;
;;
;;;;
;;;;
0.30
3.60
3.50
7.00
6.15
7.65
solder lands
solder resist
occupied area
solder paste
Fig.2 Standard PCB footprint for mounting SOT223 (reflow soldering).
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com