Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BC868
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC868 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BC868 Datasheet HTML 4Page - NXP Semiconductors BC868 Datasheet HTML 5Page - NXP Semiconductors BC868 Datasheet HTML 6Page - NXP Semiconductors BC868 Datasheet HTML 7Page - NXP Semiconductors BC868 Datasheet HTML 8Page - NXP Semiconductors BC868 Datasheet HTML 9Page - NXP Semiconductors BC868 Datasheet HTML 10Page - NXP Semiconductors BC868 Datasheet HTML 11Page - NXP Semiconductors BC868 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2003 Nov 25
9
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
mdb847
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
10
1
102
Rth(j-a)
(K/W)
10−1
(10)
(9)
(8)
(7)
(1)
(4)
(5)
(3)
(6)
tp
tp
T
P
t
T
δ =
(2)
Fig.8
Transient thermal resistance from junction to ambient as a function of pulse time for 6 cm2 collector
mounting pad.
(1)
δ = 1.0.
(2)
δ = 0.75.
(3)
δ = 0.5.
(4)
δ = 0.33.
(5)
δ = 0.2.
(6)
δ = 0.1.
(7)
δ = 0.05.
(8)
δ = 0.02.
(9)
δ = 0.01.
(10)
δ = 0.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com