Electronic Components Datasheet Search
  English  ▼

X  

ISP1507B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1507B
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1507B Datasheet HTML 9Page - NXP Semiconductors ISP1507B Datasheet HTML 10Page - NXP Semiconductors ISP1507B Datasheet HTML 11Page - NXP Semiconductors ISP1507B Datasheet HTML 12Page - NXP Semiconductors ISP1507B Datasheet HTML 13Page - NXP Semiconductors ISP1507B Datasheet HTML 14Page - NXP Semiconductors ISP1507B Datasheet HTML 15Page - NXP Semiconductors ISP1507B Datasheet HTML 16Page - NXP Semiconductors ISP1507B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
ISP1507A_ISP1507B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 May 2008
13 of 81
NXP Semiconductors
ISP1507A; ISP1507B
ULPI HS USB OTG transceiver
The VBUS pin requires a capacitive load as shown in Section 16.
To prevent electrical overstress, it is strongly recommended that you attach a series
resistor on the VBUS pin (RVBUS). RVBUS must not be attached when using the ISP1507
internal charge pump. For details, see Section 16.
7.9.12 REG3V3 and REG1V8
Regulator output voltage. These supplies are used to power the ISP1507 internal digital
and analog circuits, and must not be used to power external circuits.
For correct operation of the regulator, it is recommended that you connect REG3V3 and
REG1V8 to decoupling capacitors. For examples, see Section 16.
7.9.13 XTAL1 and XTAL2
XTAL1 is the crystal input, and XTAL2 is the crystal output. The allowed frequency on the
XTAL1 pin depends on the ISP1507 product version.
If the link requires a 60 MHz clock from the ISP1507, then either a crystal must be
attached, or a clock of the same frequency must be driven into XTAL1, with XTAL2 left
floating.
If a crystal is attached, it requires external load capacitors to GND on each terminal of the
crystal. For details, see Section 16.
If at any time the system wants to stop the clock on XTAL1, the link must first put the
ISP1507 into low-power mode. The clock on XTAL1 must be restarted before low-power
mode is exited.
7.9.14 RESET_N
An active LOW asynchronous reset pin that resets all circuits in the ISP1507. The
ISP1507 contains an internal power-on reset circuit, and therefore using the RESET_N
pin is optional. If RESET_N is not used, it must be connected to VCC(I/O).
For details on using RESET_N, see Section 9.3.2.
7.9.15 DIR
ULPI direction output pin. Controls the direction of the data bus. By default, the ISP1507
holds DIR at LOW, causing the data bus to be an input. When DIR is LOW, the ISP1507
listens for data from the link. The ISP1507 pulls DIR to HIGH only when it has data to
send to the link, which is for one of two reasons:
• To send USB receive data, RXCMD status updates and register read data to the link.
• To block the link from driving the data bus during power-up, reset and low-power
(suspend) mode.
The DIR pin can also be 3-stated by driving CHIP_SELECT_N to HIGH.
For details on DIR usage, refer to
UTMI+ Low Pin Interface (ULPI) Specification Rev. 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com