Electronic Components Datasheet Search
  English  ▼

X  

MP4558 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4558
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4558 Datasheet HTML 12Page - Monolithic Power Systems MP4558 Datasheet HTML 13Page - Monolithic Power Systems MP4558 Datasheet HTML 14Page - Monolithic Power Systems MP4558 Datasheet HTML 15Page - Monolithic Power Systems MP4558 Datasheet HTML 16Page - Monolithic Power Systems MP4558 Datasheet HTML 17Page - Monolithic Power Systems MP4558 Datasheet HTML 18Page - Monolithic Power Systems MP4558 Datasheet HTML 19Page - Monolithic Power Systems MP4558 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP4558
– 1A, 2MHz, 55V STEP-DOWN CONVERTER
MP4558 Rev. 1.01
www.MonolithicPower.com
18
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. Duplicate the EVB layout below for
optimal performance.
For changes, please follow these guidelines
and use Figure 5 for reference.
1)
Keep the switching-current path short and
minimize the loop area formed by the input
capacitor, high-side MOSFET and external
switching diode.
2)
Place the bypass ceramic capacitors close
to the VIN pin.
3)
Use short and direct feedback connections.
Place
the
feedback
resistors
and
compensation components as close to the
chip as possible.
4)
Route the SW path away from sensitive
analog areas such as the FB path.
5)
Connect IN, SW, and GND, respectively, to
a large copper area to cool the chip to
improve thermal performance and long-
term reliability.
MP4558 Typical Application Circuit
R6
C4
C1
R1
GND
GND
Vin
Vo
SW
L1
C2
D1
GND
TOP Layer
Bottom Layer
MP4558 Layout Guide
Figure 5: MP4558 Typical Application Circuit and PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com