Electronic Components Datasheet Search
  English  ▼

X  

MP4558 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4558
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4558 Datasheet HTML 1Page - Monolithic Power Systems MP4558 Datasheet HTML 2Page - Monolithic Power Systems MP4558 Datasheet HTML 3Page - Monolithic Power Systems MP4558 Datasheet HTML 4Page - Monolithic Power Systems MP4558 Datasheet HTML 5Page - Monolithic Power Systems MP4558 Datasheet HTML 6Page - Monolithic Power Systems MP4558 Datasheet HTML 7Page - Monolithic Power Systems MP4558 Datasheet HTML 8Page - Monolithic Power Systems MP4558 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP4558
– 1A, 2MHz, 55V STEP-DOWN CONVERTER
MP4558 Rev. 1.01
www.MonolithicPower.com
4
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8
Pin #
QFN10
Pin#
Name
Description
1
1, 2
SW
Switch Node. Output of the high-side switch. Requires a low VF Schottky rectifier
to ground. Place the rectifier close to the SW pins to reduce switching spikes.
2
3
EN
Enable Input. Pull this pin below the specified threshold to shut the chip down. Pull
it above the specified threshold or leaving it floating to enable the chip.
3
4
COMP
Compensation.
GM
error
amplifier
output.
Apply
control-loop
frequency
compensation to this pin.
4
5
FB
Feedback. Input to the error amplifier. Connect an external resistive divider
between the output and GND: Compare to the internal +0.8V reference to set the
regulation voltage.
5
6
GND,
Exposed
pad
Ground. Connect as close as possible to the output capacitor and avoid high-
current switching paths. Connect the exposed pad to GND plane for optimal
thermal performance.
6
7
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to
set the switching frequency.
7
8, 9
VIN
Input Supply. Supplies power to all the internal control circuitry, both BS
regulators, and the high-side switch. Place a decoupling capacitor to ground close
to this pin to minimize switching spikes.
8
10
BST
Bootstrap. Positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and the SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com