Electronic Components Datasheet Search
  English  ▼

X  

MP4560 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4560
Description  2A, 2MHz, 55V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4560 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4560 Datasheet HTML 1Page - Monolithic Power Systems MP4560 Datasheet HTML 2Page - Monolithic Power Systems MP4560 Datasheet HTML 3Page - Monolithic Power Systems MP4560 Datasheet HTML 4Page - Monolithic Power Systems MP4560 Datasheet HTML 5Page - Monolithic Power Systems MP4560 Datasheet HTML 6Page - Monolithic Power Systems MP4560 Datasheet HTML 7Page - Monolithic Power Systems MP4560 Datasheet HTML 8Page - Monolithic Power Systems MP4560 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP4560 – 2A, 2MHz, 55V STEP-DOWN CONVERTER
MP4560 Rev. 1.0
www.MonolithicPower.com
4
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
SOIC8
Pin #
Name
Description
1, 2
1
SW
Switch Node. This is the output from the high-side switch. A low VF Schottky rectifier
to ground is required. The rectifier must be close to the SW pins to reduce switching
spikes.
3
2
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
Pulling it up above the specified threshold or leaving it floating enables the chip.
4
3
COMP
Compensation. This node is the output of the GM error amplifier. Control loop
frequency compensation is applied to this pin.
5
4
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connected between the output and GND is compared to the internal +0.8V reference
to set the regulation voltage.
6
5
GND,
Exposed
pad
Ground. It should be connected as close as possible to the output capacitor avoiding
the high current switch paths. Connect exposed pad to GND plane for optimal thermal
performance.
7
6
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set
the switching frequency.
8, 9
7
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS
regulators and the high-side switch. A decoupling capacitor to ground must be placed
close to this pin to minimize switching spikes.
10
8
BST
Bootstrap. This is the positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com