Electronic Components Datasheet Search
  English  ▼

X  

MP4560 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4560
Description  2A, 2MHz, 55V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4560 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4560 Datasheet HTML 1Page - Monolithic Power Systems MP4560 Datasheet HTML 2Page - Monolithic Power Systems MP4560 Datasheet HTML 3Page - Monolithic Power Systems MP4560 Datasheet HTML 4Page - Monolithic Power Systems MP4560 Datasheet HTML 5Page - Monolithic Power Systems MP4560 Datasheet HTML 6Page - Monolithic Power Systems MP4560 Datasheet HTML 7Page - Monolithic Power Systems MP4560 Datasheet HTML 8Page - Monolithic Power Systems MP4560 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP4560 – 2A, 2MHz, 55V STEP-DOWN CONVERTER
MP4560 Rev. 1.0
www.MonolithicPower.com
5
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT =3.3V, C1 = 4.7µF, C2 = 22µF, L1 = 10µH and TA = +25°C, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Efficiency @VOUT=2.5V
Efficiency @VOUT=5V
L1=15uH, fs=500kHz
Output Voltage Ripple
IOUT=0.1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
500mA/div
Output Voltage Ripple
IOUT=1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
1A/div
Output Voltage Ripple
IOUT=2A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
2A/div
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Vin=12V
Vin=55V
Vin=12V
Vin=48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com