Electronic Components Datasheet Search
  English  ▼

X  

MP4600DQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4600DQ
Description  High-Voltage WLED Driver For Large Panel TV Backlighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4600DQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4600DQ Datasheet HTML 1Page - Monolithic Power Systems MP4600DQ Datasheet HTML 2Page - Monolithic Power Systems MP4600DQ Datasheet HTML 3Page - Monolithic Power Systems MP4600DQ Datasheet HTML 4Page - Monolithic Power Systems MP4600DQ Datasheet HTML 5Page - Monolithic Power Systems MP4600DQ Datasheet HTML 6Page - Monolithic Power Systems MP4600DQ Datasheet HTML 7Page - Monolithic Power Systems MP4600DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP4600 – WHITE LED DRIVER FOR UP TO 55 INCH TV BACKLIGHTING
MP4600 Rev. 0.91
www.MonolithicPower.com
4
1/6/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Positive Voltage Input Pin. A decoupling cap is needed to prevent large voltage spikes from
appearing at the input.
2
VSS
Negative Voltage Output Pin. This pin is the voltage reference for OVP, FB, COMP and
RSET pins. This node should be placed away from switching noise sources. The exposed
pad is connected to this pin.
3
OVP
Over Voltage Protection Pin. Use one external resistor voltage divider across INGND and
VSS to program OVP threshold. Its voltage is referred to VSS. When the OVP pin voltage
reaches the shutdown threshold 1.2V, the switch will be turned off and will recover when OVP
voltage decreases sufficiently. When the OVP pin voltage is lower than 0.4V and FB pin
voltage is lower than 0.1V, the chip frequency will be folded back. Program the OVP pin
voltage from 0.4V to 1.2V for normal operation.
4
FB
LED Current Feedback Input. MP4600 regulates the voltage across the current sensing
resistor between FB and VSS. Connect the current sensing resistor from the bottom of the
LED strings to VSS. The FB pin is connected to the bottom of the LED strings. The regulation
voltage is 0.198V.
5
COMP
Output of error amplifier. Connect a 1nF or larger capacitor on COMP to improve the stability
and to provide a soft on at start up or PWM dimming.
6
RSET
Connect to a resistor to VSS to set the switching frequency.
7
EN/DIM
On/Off Control Input and Dimming Command Input. Its voltage is referred to INGND. A
voltage greater than 0.7V will turn on the chip. When the EN/DIM pin voltage rises from 0.7V
to 1.4V, the LED current will change from 0% to 100% of the maximum LED current. To use
PWM dimming, apply a 100Hz to 20kHz square wave signal with amplitude greater than 1.5V
to this pin.
8
INGND
Input Ground Reference. This pin is the reference for the EN/DIM signal.
9
BST
Bootstrap. A capacitor is connected between SW and BST pins to form a floating supply
across the power switch driver.
10
SW
Switch Output. SW is the source of the internal MOSFET switch. Connect to the power
inductor and cathode of the Schottky rectifier.
Exposed pad should be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com