Electronic Components Datasheet Search
  English  ▼

X  

MP4600DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4600DQ
Description  High-Voltage WLED Driver For Large Panel TV Backlighting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4600DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4600DQ Datasheet HTML 1Page - Monolithic Power Systems MP4600DQ Datasheet HTML 2Page - Monolithic Power Systems MP4600DQ Datasheet HTML 3Page - Monolithic Power Systems MP4600DQ Datasheet HTML 4Page - Monolithic Power Systems MP4600DQ Datasheet HTML 5Page - Monolithic Power Systems MP4600DQ Datasheet HTML 6Page - Monolithic Power Systems MP4600DQ Datasheet HTML 7Page - Monolithic Power Systems MP4600DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP4600
High-Voltage WLED Driver For
Large Panel TV Backlighting
MP4600 Rev. 0.91
www.MonolithicPower.com
1
1/6/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4600 is an integrated white LED driver.
It can be applied with MPS patent pending
technology to drive up to 55 inch LCD TV
backlighting, in which the LED string voltage
can be up to 300V. The novel technology can
leverage the LED drive power by regulating
only a small part of the LED drive voltage. As a
result, working together with a fixed high
voltage source, a low voltage LED driver can be
used to drive the high voltage LED strings with
super high power density, high efficiency and
low cost due to the low voltage stress, high
switching frequency, and smaller size of
passive components.
MP4600 is a current mode controlled buck-
boost regulator. With a 12V input VINL and a
high voltage source VINH, it can deliver a
regulated voltage (VINH to VINH+43V) to drive a
LED string with up to 85 LEDs. It incorporates
both DC and PWM dimming onto a single
control pin. Fault protection includes LED open
strings protection, output short circuit protection,
input over voltage protection, cycle-by-cycle peak
current limiting, and thermal shutdown.
The MP4600 is available in 10-pin 3x3mm QFN
packages.
FEATURES
• Novel Power Leverage Control Technology
• Unique Step-up/down Operation
• 0.28Ω Internal Power MOSFET Switch
• Adjustable Switching Frequency
• Analog and PWM Dimming
• 0.198V Reference Voltage
• 5μA Shutdown Mode
• Stable with Low ESR Output Ceramic
Capacitors
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown Protection
• Open Strings Protection
• Input Over Voltage Protection
• Output Short Circuit Protection
• Available in 10-Pin 3x3mm QFN Packages
APPLICATIONS
• TV Backlighting
• Large LCD Panels Backlighting
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP4600DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
MP4601EF MPS-MP4601EF Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
MP4601EF MPS-MP4601EF Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
MP4601ES MPS-MP4601ES Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
MP4601ES MPS-MP4601ES Datasheet
213Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
More results

Similar Description - MP4600DQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3263 MICREL-MIC3263 Datasheet
1,020Kb / 32P
Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
Single-String WLED Driver for LCD TV
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com