Electronic Components Datasheet Search
  English  ▼

X  

MP4690 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4690
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4690 Datasheet HTML 1Page - Monolithic Power Systems MP4690 Datasheet HTML 2Page - Monolithic Power Systems MP4690 Datasheet HTML 3Page - Monolithic Power Systems MP4690 Datasheet HTML 4Page - Monolithic Power Systems MP4690 Datasheet HTML 5Page - Monolithic Power Systems MP4690 Datasheet HTML 6Page - Monolithic Power Systems MP4690 Datasheet HTML 7Page - Monolithic Power Systems MP4690 Datasheet HTML 8Page - Monolithic Power Systems MP4690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
4
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
ILED=700mA, TA=+25°C, unless otherwise noted.
Protection Threshold vs.
Temperature
ILED=350mA
Protection Delay vs.
Temperature
ILED=350mA
RDS(ON) vs. Temperature
ILED=350mA
Protection Clamp Voltage
vs. Temperature
ILED=100mA
Leakage Current vs.
Temperature
Case Temperature Rise vs.
LED Current
VDS (V)
Leakage Current vs.
VDS Voltage
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
0
1
2
3
4
5
6
7
-40 -20 0 20 40 60 80 100 120 140
0
10
20
30
40
50
0 100 200 300 400 500 600 700 800
LED CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
-40 -20 0 20 40 60 80 100 120140
3
4
5
6
7
8
-40 -20 0 20 40 60 80100 120 140
0
50
100
150
200
-40 -20 0 20 40 60 80 100 120140
3
4
5
6
7
8
-40 -20 0 20 40 60 80100 120140



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com