Electronic Components Datasheet Search
  English  ▼

X  

MP4690 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4690
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4690 Datasheet HTML 1Page - Monolithic Power Systems MP4690 Datasheet HTML 2Page - Monolithic Power Systems MP4690 Datasheet HTML 3Page - Monolithic Power Systems MP4690 Datasheet HTML 4Page - Monolithic Power Systems MP4690 Datasheet HTML 5Page - Monolithic Power Systems MP4690 Datasheet HTML 6Page - Monolithic Power Systems MP4690 Datasheet HTML 7Page - Monolithic Power Systems MP4690 Datasheet HTML 8Page - Monolithic Power Systems MP4690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
5
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
ILED=700mA, TA=+25°C, unless otherwise noted.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
Steady State of No
LED Open
Steady State of LED
Open Circuit
Zoom In Steady State
Waveform
Open Protection Entry
Protection Exit when
LED Heals
PWM Dimming at Small Duty
Cycle with one LED Open
Fs=1kHz, D=10%
PWM Dimming at Large Duty
Cycle with one LED Open
Fs=1kHz, D=90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com