Electronic Components Datasheet Search
  English  ▼

X  

MP5010B Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5010B
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010B Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5010B Datasheet HTML 7Page - Monolithic Power Systems MP5010B Datasheet HTML 8Page - Monolithic Power Systems MP5010B Datasheet HTML 9Page - Monolithic Power Systems MP5010B Datasheet HTML 10Page - Monolithic Power Systems MP5010B Datasheet HTML 11Page - Monolithic Power Systems MP5010B Datasheet HTML 12Page - Monolithic Power Systems MP5010B Datasheet HTML 13Page - Monolithic Power Systems MP5010B Datasheet HTML 14Page - Monolithic Power Systems MP5010B Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP5010B – 3V-18V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010B Rev. 1.0
www.MonolithicPower.com
11
4/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Enable/Fault line must remain above the
MID level for the output to turn ON.
The fault flag is an internal flip-flop that can be
set or reset under the following conditions:
1. Thermal Shutdown: set fault flag
2. Under-Voltage: reset fault flag
3. LOW on Enable/Fault pin: reset fault
flag
4. MID on Enable/Fault pin: no effect
Given a fault, the Enable/Fault pin is driven to
MID.
There are 4 types of faults, and each fault has a
direct and indirect effect on the Enable/Fault pin
and the internal fault flag. In a typical
application there are one or more of the
MP5010B chips in a system. The Enable/Fault
lines are typically be connected together.
Table 1—Fault Function Influence in Application
Fault description
Internal action
Effect on Fault Pin
Effect on Flag
Effect on secondary Part
Short/Over
Current
Limit current
none
none
none
Under Voltage
Output turns OFF
Internally drives
Enable/Fault pin to
logic LOW
Flag is reset
Disables secondary output,
and resets fault flag.
Over Voltage
Limit output voltage
None
None
None
Thermal
Shutdown
Shutdown. The part
is latched OFF until
a UVLO or
externally driven to
ground.
Internally drives
Enable/Fault pin
to MID
Flag is Set
Disables secondary part
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com