Electronic Components Datasheet Search
  English  ▼

X  

MP5010B Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5010B
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010B Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5010B Datasheet HTML 7Page - Monolithic Power Systems MP5010B Datasheet HTML 8Page - Monolithic Power Systems MP5010B Datasheet HTML 9Page - Monolithic Power Systems MP5010B Datasheet HTML 10Page - Monolithic Power Systems MP5010B Datasheet HTML 11Page - Monolithic Power Systems MP5010B Datasheet HTML 12Page - Monolithic Power Systems MP5010B Datasheet HTML 13Page - Monolithic Power Systems MP5010B Datasheet HTML 14Page - Monolithic Power Systems MP5010B Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5010B – 3V-18V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010B Rev. 1.0
www.MonolithicPower.com
12
4/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Limit
The current limit is a function of the external
current-limit resistor. Table 2 and Table 3 list
examples of current values as a function of the
resistor value for both Kelvin current sensing and
direct current sensing.
Rise Time
The rise time is a function of the capacitor (Cdv/dt)
on the dv/dt pin. Table 4 lists typical rise times as
a function of capacitance.
Table 2: Current Limit vs. Current Limit Resistor (VCC=5V, Kelvin Current Sensing)
RLIMIT (Ω)
10
22
51
75
100
Trip Current (A)
2.31
2.18
2.05
2.00
1.99
Hold Current (A)
1.45
1.10
0.71
0.56
0.47
Table 3: Current Limit vs. Current Limit Resistor (VCC=5V, Direct Current Sensing)
RLIMIT (Ω)
22
51
75
100
220
Trip Current (A)
4.31
3.10
2.69
2.52
2.31
Hold Current (A)
2.79
1.29
0.91
2.43
0.40
Table 4: Rise Time vs. Cdv/dt
Cdv/dt
330pF
1nF
3.3nF
6.8nF
Rise Time
(typ., ms)
1.1
3
9.4
19.2
* Notes: Rise Time = KRT*(50pF+Cdv/dt), KRT =2.8E6
The “rise time” is measured by from 10% to 90%
of output voltage.
U
90%
10%
Rise Time
t
Input
Output
Enable
Figure 2—Rise Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com