Electronic Components Datasheet Search
  English  ▼

X  

MP5410 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5410
Description  Low Start-up Voltage Boost Converter with Four SPDT Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5410 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5410 Datasheet HTML 1Page - Monolithic Power Systems MP5410 Datasheet HTML 2Page - Monolithic Power Systems MP5410 Datasheet HTML 3Page - Monolithic Power Systems MP5410 Datasheet HTML 4Page - Monolithic Power Systems MP5410 Datasheet HTML 5Page - Monolithic Power Systems MP5410 Datasheet HTML 6Page - Monolithic Power Systems MP5410 Datasheet HTML 7Page - Monolithic Power Systems MP5410 Datasheet HTML 8Page - Monolithic Power Systems MP5410 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP5410—LOW START-UP VOLTAGE BOOST CONVERTER WITH FOUR SPDT SWITCHES
MP5410 Rev.1.01
www.MonolithicPower.com
3
3/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 2.4V, VOUT = 10V, IOUT = 2mA, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max Units
Operating Input Voltage
VIN
1.8
5.5
V
Minimum Startup Voltage
VST
VOUT=0V
1.8
V
Quiescent Current
IQNS
IOUT=0, VFB=1.3V, No switching
28
50
µA
Shutdown Current
ISD
VEN=0V
0.1
1
µA
IN Under Voltage Lockout
VUVLO
VIN Rising
1.58
1.7
V
Under Voltage Lockout
Hysteresis
100
mV
Step-up Converter
Maximum On Time
TON
4
6
7.5
µs
Minimum Off Time
TOFF
400
550
700
ns
SW On-Resistance
RDS ON
ISW = 200mA
0.65
0.8
Ω
SW Leakage Current
ISW LKG
VSW=12V
2
µA
SW Current Limit
ISW LIMIT
RISET=300kΩ
180
mA
Schottky Diode Forward
Voltage
VFW
IFW=100mA
0.4
0.5
0.6
V
Fixed OUT Supply Voltage
VOUT FIXED Let FB pin floating, 1.8V<VIN<5.5V
9.7
10
10.3
V
FB Voltage (Regulation Mode)
VFB
Connect R-divider to FB,
1.8V<VIN<5.5V
1.20
1.23
1.26
V
FB Input Bias Current
IFB
VFB = 1.23V
1
µA
Control Interface
EN/SX Input High Voltage
VEN H
1.4
V
EN/SX Input Low Voltage
VEN L
0.4
V
EN/SX Input Bias Current
IEN
1
µA
SPDT Switch
Switch On-Resistance
RSPDT ON
VOUT=10V, IA, IB, IC, ID=2mA
25
50
Ω
Switch On-Resistance Match
Between Channels
∆RSPDT_ON VOUT=10V, IA, IB, IC, ID=2mA
10
Ω
Turn-on Time
TON
RL= 300Ω, CL= 35pF
80
ns
Turn-off Time
TOFF
RL= 300Ω, CL= 35pF
170
ns
Protection
Output Disconnect Switch On-
Resistance
RDISC_ON
VOUT=10V
0.7
0.8
Ω
Thermal Shutdown
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com