Electronic Components Datasheet Search
  English  ▼

X  

MP5410 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5410
Description  Low Start-up Voltage Boost Converter with Four SPDT Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5410 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5410 Datasheet HTML 1Page - Monolithic Power Systems MP5410 Datasheet HTML 2Page - Monolithic Power Systems MP5410 Datasheet HTML 3Page - Monolithic Power Systems MP5410 Datasheet HTML 4Page - Monolithic Power Systems MP5410 Datasheet HTML 5Page - Monolithic Power Systems MP5410 Datasheet HTML 6Page - Monolithic Power Systems MP5410 Datasheet HTML 7Page - Monolithic Power Systems MP5410 Datasheet HTML 8Page - Monolithic Power Systems MP5410 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP5410—LOW START-UP VOLTAGE BOOST CONVERTER WITH FOUR SPDT SWITCHES
MP5410 Rev.1.01
www.MonolithicPower.com
4
3/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
L
Inductor Output Pin. L is the output node of the internal disconnecting switch. Connect the
inductor to this pin.
2
EN
On/Off control input. A logic high input turns on the chip. A logic low input turns off the chip.
This pin should not be left floating.
3
S1
Channel B SPDT Switch Control Input. If the chip is enabled, a logic low input switches B to
GND and a logic high input switches B to OUT. This pin should not be left floating.
4
S0
Channel A SPDT Switch Control Input. If the chip is enabled, a logic low input switches A to
GND and a logic high input switches A to OUT. This pin should not be left floating.
5
A
Channel A SPDT Switch Output.
6
B
Channel B SPDT Switch Output.
7
C
Channel C SPDT Switch Output.
8
D
Channel D SPDT Switch Output.
9
S3
Channel D SPDT Switch Control Input. If the chip is enabled, a logic low input switches D to
GND and a logic high input switches D to OUT. This pin should not be left floating.
10
S2
Channel C SPDT Switch Control Input. If the chip is enabled, a logic low input switches C to
GND and a logic high input switches C to OUT. This pin should not be left floating.
11
FB
Regulation Feedback Input. Connect to an external resistive voltage divider from the output
to FB to set the boost converter output voltage. Floating this pin to achieve fixed 10V output.
12
ISET
Constant Peak Current Set. Connect to an external resistor to GND to set the boost
converter peak current.
13
GND
Ground.
14
IN
Input Supply Pin. IN pin powers the internal circuitry and is the input node of the internal
disconnecting switch. Must be locally bypassed.
15
SW
Output Switch Node. SW is the drain node of the internal low-side N-Channel MOSFET.
Connect the inductor to SW to complete the step-up converter.
16
OUT
Step-up Converter Output.
Exposed
Pad
Connect exposed pad to GND plane in PCB for proper thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com