Electronic Components Datasheet Search
  English  ▼

X  

MP6215 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6215
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6215 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6215 Datasheet HTML 2Page - Monolithic Power Systems MP6215 Datasheet HTML 3Page - Monolithic Power Systems MP6215 Datasheet HTML 4Page - Monolithic Power Systems MP6215 Datasheet HTML 5Page - Monolithic Power Systems MP6215 Datasheet HTML 6Page - Monolithic Power Systems MP6215 Datasheet HTML 7Page - Monolithic Power Systems MP6215 Datasheet HTML 8Page - Monolithic Power Systems MP6215 Datasheet HTML 9Page - Monolithic Power Systems MP6215 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP6215 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP6215 Rev. 0.9
www.MonolithicPower.com
6
3/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25ºC, unless otherwise noted. (continued)
EN
5V/div
VOUT
2V/div
EN
5V/div
VOUT
2V/div
EN
5V/div
IOUT
500mA/div
EN
5V/div
IOUT
500mA/div
IOUT
1A/div
Flag
5V/div
IOUT
1A/div
Flag
5V/div
IOUT
1A/div
EN
5V/div
VOUT
2V/div
EN
5V/div
VOUT
2V/div
VOUT
2V/div
200us/div
1ms/div
1ms/div
2ms/div
1ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com