Electronic Components Datasheet Search
  English  ▼

X  

MP6215 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6215
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6215 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6215 Datasheet HTML 2Page - Monolithic Power Systems MP6215 Datasheet HTML 3Page - Monolithic Power Systems MP6215 Datasheet HTML 4Page - Monolithic Power Systems MP6215 Datasheet HTML 5Page - Monolithic Power Systems MP6215 Datasheet HTML 6Page - Monolithic Power Systems MP6215 Datasheet HTML 7Page - Monolithic Power Systems MP6215 Datasheet HTML 8Page - Monolithic Power Systems MP6215 Datasheet HTML 9Page - Monolithic Power Systems MP6215 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP6215 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP6215 Rev. 0.9
www.MonolithicPower.com
7
3/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
FUNCTION BLOCK DIAGRAM
Vref
EN
FLAG
Deglich
Logic
Charge
Pump
GND
Thermat
Sense
UVLO
IN
OUT
Current
Sense
AMP
--
--
--
--
--
--
--
--
+
+
--
Figure2—Functional Block Diagram
DETAILED DESCRIPTION
Over Current
When the load exceeds trip current (minimum
threshold current triggering constant-current
mode) or a short is present, MP6215 switches
into to a constant-current mode (current limit
value). MP6215 will be shutdown only if the
overcurrent condition stays long enough to
trigger thermal protection.
Trigger overcurrent protection for different
overload conditions occurring in applications:
1) The output has been shorted or overloaded
before the device is enabled or input applied.
MP6215 detects the short or overload and
immediately switches into a constant-current
mode.
2) A short or an overload occurs after the device
is enabled. After the current-limit circuit has
been tripped (reached the trip current
threshold), the device switches into constant-
current mode. However, high current may
flow for a short period of time before the
current-limit circuit can react.
3)Output current has been gradually increased
beyond the recommended operating current.
The load current rises until the trip current
threshold is reached or until the thermal limit
of the device is exceeded. The MP6215 is
capable of delivering current up to the trip
current threshold without damaging the
device. Once the trip threshold has been
reached, the device switches into its constant-
current mode.
Flag Response
The FLAG pin is an open drain configuration.
This FAULT will report a fail mode after an 8ms
deglitch timeout. This is used to ensure that no
false fault signals are reported. This internal
deglitch circuit eliminates the need for extend
components. The FLAG pin is not deglitched
during an over temp. or a voltage lockout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com