Electronic Components Datasheet Search
  English  ▼

X  

MP6401 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems MP6401 Datasheet HTML 10Page - Monolithic Power Systems MP6401 Datasheet HTML 11Page - Monolithic Power Systems MP6401 Datasheet HTML 12Page - Monolithic Power Systems MP6401 Datasheet HTML 13Page - Monolithic Power Systems MP6401 Datasheet HTML 14Page - Monolithic Power Systems MP6401 Datasheet HTML 15Page - Monolithic Power Systems MP6401 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
14
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PACKAGE INFORMATION
TQFN8 (3mm x 3mm)
SIDE VIEW
TOP VIEW
1
8
5
4
BOTTOM VIEW
2.90
3.10
1.45
1.75
2.90
3.10
2.25
2.55
0.65
BSC
0.20
0.30
0.70
0.80
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.70
0.65
0.25
RECOMMENDED LAND PATTERN
2.90
PIN 1 ID
SEE DETAIL A
2.50
0.70
PIN 1 ID OPTION B
R0.20 TYP.
PIN 1 ID OPTION A
0.30x45º TYP.
DETAIL A
0.30
0.50
PIN 1 ID
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com