Electronic Components Datasheet Search
  English  ▼

X  

MP6401 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems MP6401 Datasheet HTML 10Page - Monolithic Power Systems MP6401 Datasheet HTML 11Page - Monolithic Power Systems MP6401 Datasheet HTML 12Page - Monolithic Power Systems MP6401 Datasheet HTML 13Page - Monolithic Power Systems MP6401 Datasheet HTML 14Page - Monolithic Power Systems MP6401 Datasheet HTML 15Page - Monolithic Power Systems MP6401 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP6401 Rev. 1.0
www.MonolithicPower.com
16
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TSOT23-6
0.30
0.50
SEATING PLANE
0.95 BSC
0.84
0.90
1.00 MAX
0.00
0.10
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
2.80
3.00
1.50
1.70
2.60
3.00
1
3
4
6
0.09
0.20
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM
LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
0.30
0.50
0o-8o
0.25 BSC
GAUGE PLANE
2.60
TYP
1.20
TYP
0.95
BSC
0.60
TYP
SEE DETAIL "A"
DETAIL
A
AAAA
PIN 1
See Note 7
EXAMPLE
TOP MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com