Electronic Components Datasheet Search
  English  ▼

X  

MP6902 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6902
Description  Fast Turn-off Intelligent Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6902 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6902 Datasheet HTML 1Page - Monolithic Power Systems MP6902 Datasheet HTML 2Page - Monolithic Power Systems MP6902 Datasheet HTML 3Page - Monolithic Power Systems MP6902 Datasheet HTML 4Page - Monolithic Power Systems MP6902 Datasheet HTML 5Page - Monolithic Power Systems MP6902 Datasheet HTML 6Page - Monolithic Power Systems MP6902 Datasheet HTML 7Page - Monolithic Power Systems MP6902 Datasheet HTML 8Page - Monolithic Power Systems MP6902 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP6902- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6902 Rev. 1.13
www.MonolithicPower.com
3
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = 12V, TA= +25°C, unless otherwise noted.
Parameter
Symbol Conditions
Min
Typ
Max
Units
VDD Voltage Range
8
24
V
VDD UVLO Rising
5.0
6.0
7.0
V
VDD UVLO Hysteresis
0.8
1
1.2
V
Operating Current
ICC
CLOAD=5nF, FSW=100kHz
8
10
mA
Quiescent Current
Iq
VSS-VD=0.5V
2
3
mA
VDD =4V
210
255
Shutdown Current
VDD=20V, EN=0V
375
440
µA
Light-load Mode Current
290
380
µA
Thermal Shutdown
150
oC
Thermal Shutdown Hysteresis
30
oC
Enable UVLO Rising
1.1
1.5
1.9
V
Enable UVLO Hysteresis
0.2
0.4
V
Internal Pull-up Current On EN
Pin
10
15
µA
CONTROL CIRCUITRY SECTION
VSS –VD Forward Voltage
Vfwd
55
70
85
mV
TDon
CLOAD = 5nF
150
ns
Turn-on Delay
TDon
CLOAD = 10nF
250
ns
Input Bias Current On VD Pin
VD = 180V
1
µA
Minimum On-time
(5)
TMIN
CLOAD = 5nF
1.6
µs
Light-load-enter Delay
TLL-Delay RLL=100kΩ
100
µs
Light-load-enter Pulse Width
TLL
RLL=100kΩ
1.3
1.75
2.2
µs
Light-load-enter Pulse Width
Hysteresis
TLL-H
RLL=100kΩ
0.2
µs
Light-load Resistor Value
RLL
30
300
kΩ
Light-load Mode Exit Pulse
Width Threshold (VDS)
VLL-DS
-400
-250
-150
mV
Light-load Mode Enter Pulse
Width Threshold (VGS)
(5)
VLL-GS
1.0
V
GATE DRIVER SECTION
VG (Low)
ILOAD=1mA
0.05
0.1
V
VDD >17V
13
14
15
V
VG (High)
VDD <17V
VDD-2.2
Turn-off Threshold (VSS-VD)
30
mV
Turn-off Propagation Delay
VD=VSS
15
ns
TDoff
VD =VSS, CLOAD=5nF,
RGATE=0Ω
35
ns
Turn-off Total Delay
TDoff
VD =VSS, CLOAD=10nF,
RGATE=0Ω
45
ns
Pull Down Impedance
1
2
Ω
Pull Down Current
(5)
3V <VG<10V
2
A
Notes:
5) Guaranteed by Design and Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com