Electronic Components Datasheet Search
  English  ▼

X  

MP6902 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6902
Description  Fast Turn-off Intelligent Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6902 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6902 Datasheet HTML 4Page - Monolithic Power Systems MP6902 Datasheet HTML 5Page - Monolithic Power Systems MP6902 Datasheet HTML 6Page - Monolithic Power Systems MP6902 Datasheet HTML 7Page - Monolithic Power Systems MP6902 Datasheet HTML 8Page - Monolithic Power Systems MP6902 Datasheet HTML 9Page - Monolithic Power Systems MP6902 Datasheet HTML 10Page - Monolithic Power Systems MP6902 Datasheet HTML 11Page - Monolithic Power Systems MP6902 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP6902- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6902 Rev. 1.13
www.MonolithicPower.com
9
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
For MP6902, the light load enter timing (TLL) is
programmable by connecting a resistor (RLL) on
LL pin, by monitoring the LL pin current (the LL
pin voltage keeps at ~2V internally), TLL is set as
following:
LL
LL
2.2 s
TR (k )
100k
μ
≈Ω ⋅
Ω
SR MOSFET Selection and Driver Ability
The Power Mosfet selection proved to be a trade
off between Ron and Qg. In order to achieve high
efficiency, the Mosfet with smaller Ron is always
preferred, while the Qg is usually larger with
smaller Ron, which makes the turn-on/off speed
lower and lead to larger power loss. For MP6902,
because Vds is regulated at ~-70mV during the
driving period, the Mosfet with too small Ron is
not recommend, because the gate driver may be
pulled down to a fairly low level with too small
Ron when the Mosfet current is still fairly high,
which make the advantage of the low Ron
inconspicuous.
Figure 6 shows the typical waveform of QR
flyback. Assume 50% duty cycle and the output
current is IOUT.
To achieve fairly high usage of the Mosfet’s Ron,
it is expected that the Mosfet be fully turned on at
least 50% of the SR conduction period:
OUT
Vds
Ic Ron
2 I
Ron
Vfwd
=− ×
= − ⋅
×
≤ −
Where Vds is Drain-Source voltage of the Mosfet
and Vfwd is the forward voltage threshold of
MP6902, which is ~70mV.
So the Mosfet’s Ron is recommended to be no
lower than ~35/IOUT (mΩ). (For example, for 5A
application,
the
Ron
of
the
Mosfet
is
recommended to be no lower than 7mΩ)
Figure 7 shows the corresponding total delay
during turn-on period (tTotal, see Figure 2) with
driving different Qg Mosfet by MP6902. From
Figure 7, with driving a 120nC Qg Mosfet, the
driver ability of MP6902 is able to pull up the gate
driver voltage of the Mosfet to ~5V in 300ns as
soon as the body diode of the Mosfet is
conducting, which greatly save the turn-on power
loss in the Mosfet’s body diode.
Id
Ipeak
Vg
SR Conduction Period
50% SR Conduction Period
Ic
Ipeak˜ 4·IOUT
Ic˜ 2·IOUT
Figure 6—Synchronous Rectification typical
waveforms in QR Flyback
Turn-on Delay vs. Qg
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
140
Qg (nC)
Figure 7—Total Turn-on Delay vs. Qg
Typical System Implementations
6
1
5
8
3
4
MP6902
R1
R3
C1
C2
C3
VD
VDD
PGND
LL
VSS
VG
EN
R2
2
Figure 8— IC Supply derived directly from
Output Voltage
Figure
8
shows
the
typical
system
implementation for the IC supply derived from
output voltage, which is available in low-side
rectification
and
the
output
voltage
is
recommended to be in the VDD range of MP6902
(from 8V to 24V).
If output voltage is out of the VDD range of
MP6902 or high-side rectification is used, it is
recommended to use an auxiliary winding from
the power transformer for the IC supply, which is
shown in Figure 9 and Figure.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com