Electronic Components Datasheet Search
  English  ▼

X  

MP6920 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6920
Description  Fast Turn-Off Intelligent Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6920 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP6920 Datasheet HTML 1Page - Monolithic Power Systems MP6920 Datasheet HTML 2Page - Monolithic Power Systems MP6920 Datasheet HTML 3Page - Monolithic Power Systems MP6920 Datasheet HTML 4Page - Monolithic Power Systems MP6920 Datasheet HTML 5Page - Monolithic Power Systems MP6920 Datasheet HTML 6Page - Monolithic Power Systems MP6920 Datasheet HTML 7Page - Monolithic Power Systems MP6920 Datasheet HTML 8Page - Monolithic Power Systems MP6920 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP6920- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6920 Rev. 1.01
www.MonolithicPower.com
7
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
VDS
Internal DriverVoltage
t
Don
t
Doff
-70mV
-30mV
2V
Figure 2: Turn-On and Turn-Off Delay
-70mV
-30mV
VDS
ISD
Internal
Driver
voltage
t0
t1
t2
Figure 3: Synchronous Rectification Operation at
heavy load
-70mV
-30mV
VDS
ISD
Internal
Driver
voltage
t0
t1
t2
Figure 4: Synchronous Rectification Operation at
light load
Switching Current
Normal Mode
Light Load Mode
TLL
120s
TLL
TLL
SR Gate
Load become light
Figure 5: Enter Light Load Mode
SR Gate
Switching Current
Light Load Mode
Normal Mode
TLL+TLL-H
TLL+TLL-H
TLL+TLL-H
TLL+TLL-H
Load become heavy
Figure 6: Exit Light Load Mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com