Electronic Components Datasheet Search
  English  ▼

X  

LS14500EX Datasheet(PDF) 2 Page - saftbatteries

Part # LS14500EX
Description  3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS14500EX Datasheet(HTML) 2 Page - saftbatteries

  LS14500EX Datasheet HTML 1Page - saftbatteries LS14500EX Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LS 14500Ex
Storage
l
The storage area should be clean,
cool (preferably not exceeding
+ 30°C), dry and ventilated.
Warning
l
Fire, explosion and burn hazard.
l
Do not recharge, short circuit,
crush, disassemble, heat above
100°C (212°F), incinerate,
or expose contents to water.
l
Do not solder directly to the cell
(use tabbed cell versions instead).
Ø 4.2 min
5.5 max
(flat area)
Ø 14.44 ±
0.11
Ø 7.5 ± 0.1
1.35 ± 0.3
50 ± 0.3
0.4 ± 0.1
Dimensions in mm.
0.1
0.01
0.1
1
10
100
1000
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
2.2
2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
1
10
100
1000
10000
0.1
1
10
100
1000
- 40ºC
- 20ºC
+ 20ºC
+ 55ºC
+ 70ºC
Doc. No 31096-2-0510
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc No 31048-2.
Published by the Communications Department.
Photo credit: Saft
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced by Arthur Associates Limited.
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel.: +33 (0)1 49 93 19 18
Fax : +33 (0)1 49 93 19 69
www.saftbatteries.com
Current (mA)
Time (hours)
Current (mA)
Restored Capacity versus Current and Temperature (2.0 V cut-off)
Typical discharge profiles at + 20°C
Voltage plateau versus Current and Temperature (at mid-discharge)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com