Electronic Components Datasheet Search
  English  ▼

X  

LS14500EX Datasheet(PDF) 1 Page - saftbatteries

Part # LS14500EX
Description  3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS14500EX Datasheet(HTML) 1 Page - saftbatteries

  LS14500EX Datasheet HTML 1Page - saftbatteries LS14500EX Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
l
Used in potentially explosive
atmospheres
l
Enhanced capacity
l
High voltage response, stable
during most of the lifetime of
the application
l
Wide operating temperature
range
(- 60 °C/+ 85 °C)
l
Low self-discharge rate
(less than 1 % after 1 year of
storage at + 20 °C)
Key features
l
Non-flammable electrolyte
l
Compliant with IEC 60079-11
intrinsic safety standard and
IEC 60086-4 safety standard
l
Stainless steel container and
end caps
(low magnetic signature)
l
Hermetic glass-to-metal sealing
l
Underwriters Laboratories (UL)
Component Recognition
l
Non-restricted for transport
l
Manufactured in UK and China
Main applications
l
Gas metering
l
Automatic meter reading
l
Alarms and security devices
l
Miners cap lamps
l
Gas detectors
l
Air monitoring equipment
l
Safety torches
l
Gas tanks level monitoring
l
Miner equipment
Primary lithium battery
LS 14500Ex
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High energy density
AA-size bobbin cell
For demanding and potentially explosive atmospheres
Cell size references
R6 - AA
May 2010
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
2.6 Ah
(at 2 mA + 20 °C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 0.2 mA + 20°C)
3.6 V
Nominal energy
9.36 Wh
Pulse capability: Typically up to 250 mA
(250 mA/0.1 second pulses, drained every 2 mn at +20 °C from undischarged cells with 10 µA
base current, yield voltage readings above 3.0 V. The readings may vary according to the pulse
characteristics, the temperature, and the cell’s previous history. Fitting the cell with a capacitor
may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
50 mA
(Higher currents possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
14.55 mm (0.57 in)
Height (max)
50.3 mm (1.98 in)
Typical weight
16.7 g (~ 0.6 oz)
Li metal content
approx. 0.7 g
Available termination suffix
CN, CNR
radial tabs
2 PF, 3 PF, 3 PF RP, 4 PF
radial pins
CNA (AX)
axial leads
FL
flying leads...etc.
IEC 60079-11 Intrinsic safety characteristics
(T4 up to + 55°C)
I short-circuit current (max)
3.7 A
Ri (max)
989 mOhm
Temperature rise (max)
+ 78°C
new


Similar Part No. - LS14500EX

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
More results

Similar Description - LS14500EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS14250 ETC2-LS14250 Datasheet
62Kb / 2P
3.6V Primary lithium-thionyl chloride (Li-SOCl2) High energy density 1/2 AA-size bobbin cells
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS9V SAFT-LS9V Datasheet
908Kb / 2P
Primary lithium-thionyl chloride High energy density Battery pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com