Electronic Components Datasheet Search
  English  ▼

X  

LS14250MLB Datasheet(PDF) 2 Page - saftbatteries

Part # LS14250MLB
Description  3.6 V high energy primary Li-SOCl2 battery for utility meters in demanding environments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS14250MLB Datasheet(HTML) 2 Page - saftbatteries

  LS14250MLB Datasheet HTML 1Page - saftbatteries LS14250MLB Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel.: +33 (0)1 49 93 19 18
Fax : +33 (0)1 49 93 19 69
313 Crescent Street
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 4111
Fax : +1 (828) 874 3981
www.saftbatteries.com
Storage
• The storage area should be
clean, cool (preferably not
exceeding + 30°C), dry and
ventilated.
Warning
• Fire, explosion and burn hazard.
• Do not recharge, short circuit,
crush, disassemble, heat above
100°C (212°F), incinerate,
or expose contents to water.
Dimensions in mm.
LS 14250 MLB
battery
Doc. Nº 31077-2-0911
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc No 31048-2.
Published by the Communications Department.
Photo credit: Saft
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced in the UK by Arthur Associates Limited.
+70°C
+ 20°C
- 20°C
- 40°C
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
0.01
0.1
1
10
100
Voltage plateau versus Current and Temperature (at mid-discharge)
Current (mA)
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
0.1
1
10
100
1000
10000
Typical discharge profiles at + 20°C
Time (hours)
0.1
0.1
1
1
10
10
100
100
0.01
-20°C
+70°C
-40°C
+20°C
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
Restored Capacity versus Current and Temperature (2.0 V cut-off)
Current (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com